Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74AC352 Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza MC74AC352
Descripción Electrónicos  Dual 4?묲nput Multiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC352 Datasheet(HTML) 4 Page - ON Semiconductor

  MC74AC352 Datasheet HTML 1Page - ON Semiconductor MC74AC352 Datasheet HTML 2Page - ON Semiconductor MC74AC352 Datasheet HTML 3Page - ON Semiconductor MC74AC352 Datasheet HTML 4Page - ON Semiconductor MC74AC352 Datasheet HTML 5Page - ON Semiconductor MC74AC352 Datasheet HTML 6Page - ON Semiconductor MC74AC352 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC74AC352, MC74ACT352
http://onsemi.com
4
DC CHARACTERISTICS
Symbol
Parameter
VCC
(V)
74AC
74AC
Unit
Conditions
TA = +25°C
TA =
−40°C to +85°C
Typ
Guaranteed Limits
VIH
Minimum High Level
Input Voltage
3.0
1.5
2.1
2.1
VOUT = 0.1 V
4.5
2.25
3.15
3.15
V
or VCC − 0.1 V
5.5
2.75
3.85
3.85
VIL
Maximum Low Level
Input Voltage
3.0
1.5
0.9
0.9
VOUT = 0.1 V
4.5
2.25
1.35
1.35
V
or VCC − 0.1 V
5.5
2.75
1.65
1.65
VOH
Minimum High Level
Output Voltage
3.0
2.99
2.9
2.9
IOUT = −50 μA
4.5
4.49
4.4
4.4
V
5.5
5.49
5.4
5.4
V
*VIN = VIL or VIH
3.0
2.56
2.46
−12 mA
4.5
3.86
3.76
IOH
−24 mA
5.5
4.86
4.76
−24 mA
VOL
Maximum Low Level
Output Voltage
3.0
0.002
0.1
0.1
IOUT = 50 μA
4.5
0.001
0.1
0.1
V
5.5
0.001
0.1
0.1
V
*VIN = VIL or VIH
3.0
0.36
0.44
12 mA
4.5
0.36
0.44
IOL
24 mA
5.5
0.36
0.44
24 mA
IIN
Maximum Input
Leakage Current
5.5
±0.1
±1.0
μA
VI = VCC, GND
IOLD
†Minimum Dynamic
Output Current
5.5
75
mA
VOLD = 1.65 V Max
IOHD
5.5
−75
mA
VOHD = 3.85 V Min
ICC
Maximum Quiescent
Supply Current
5.5
8.0
80
μA
VIN = VCC or GND
* All outputs loaded; thresholds on input associated with output under test.
† Maximum test duration 2.0 ms, one output loaded at a time.
Note: IIN and ICC @ 3.0 V are guaranteed to be less than or equal to the respective limit @ 5.5 V VCC.


Número de pieza similar - MC74AC352

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC74AC352 MOTOROLA-MC74AC352 Datasheet
189Kb / 7P
   DUAL 4-INPUT MULTIPLEXER
MC74AC352D MOTOROLA-MC74AC352D Datasheet
189Kb / 7P
   DUAL 4-INPUT MULTIPLEXER
MC74AC352N MOTOROLA-MC74AC352N Datasheet
189Kb / 7P
   DUAL 4-INPUT MULTIPLEXER
More results

Descripción similar - MC74AC352

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74AC153 ONSEMI-MC74AC153 Datasheet
180Kb / 12P
   Dual 4?묲nput Multiplexer
March, 2006 ??Rev. 7
MC74AC253 ONSEMI-MC74AC253 Datasheet
182Kb / 11P
   Dual 4?묲nput Multiplexer with 3?뭆tate Outputs
March, 2006 ??Rev. 6
MC10H159 ONSEMI-MC10H159_06 Datasheet
155Kb / 7P
   Quad 2?묲nput Multiplexer
February, 2006 ??Rev. 7
MC74AC20 ONSEMI-MC74AC20_06 Datasheet
122Kb / 8P
   Dual 4?묲nput NAND Gate
October, 2006 ??Rev. 8
MC10H173 ONSEMI-MC10H173 Datasheet
156Kb / 5P
   Quad 2?묲nput Multiplexer/Latch
June, 2006 ??Rev. 7
MC10H209 ONSEMI-MC10H209_06 Datasheet
150Kb / 6P
   Dual 4???묲nput OR/NOR Gate
February, 2006 ??Rev. 7
MC10H158 ONSEMI-MC10H158_06 Datasheet
154Kb / 6P
   Quad 2?묲nput Multiplexer (Non?묲nverting)
February, 2006 ??Rev. 7
MC10H109 ONSEMI-MC10H109_06 Datasheet
150Kb / 6P
   Dual 4???묲nput OR/NOR Gate
February, 2006 ??Rev. 7
logo
Motorola, Inc
MC74AC352 MOTOROLA-MC74AC352 Datasheet
189Kb / 7P
   DUAL 4-INPUT MULTIPLEXER
logo
National Semiconductor ...
MM74HC153 NSC-MM74HC153 Datasheet
111Kb / 4P
   Dual 4-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com