Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC79430KNE Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza LC79430KNE
Descripción Electrónicos  Dot-Matrix LCD Drivers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC79430KNE Datasheet(HTML) 1 Page - ON Semiconductor

  LC79430KNE Datasheet HTML 1Page - ON Semiconductor LC79430KNE Datasheet HTML 2Page - ON Semiconductor LC79430KNE Datasheet HTML 3Page - ON Semiconductor LC79430KNE Datasheet HTML 4Page - ON Semiconductor LC79430KNE Datasheet HTML 5Page - ON Semiconductor LC79430KNE Datasheet HTML 6Page - ON Semiconductor LC79430KNE Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
91912HKPC 20080324-S00002 No. A2123-1/7
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
July, 2013
LC79430KNE
Overview
The LC79430KNE is a large-scale dot matrix LCD common driver LSI. The LC79430KNE contains an 80-bit
bidirectional shift register and is equipped with a 4-level LCD driver. The input/output pins for cascade connection can
be used to further increase the IC’s number of bits. The LC79430KNE can be used in conjunction with segment driver
LC79401KNE (QIP100E) to drive a wide-screen LCD panel.
Features
• On-chip LCD drive circuit (80 bits)
• Display duty selection ranging from 1/64 to 1/256
• On-chip input/output pins support a further increases in bit number
• Supports externally supplied bias voltage
• On-chip 80-bit bidirectional shift register (supports 40-bit × 2 division)
• Supports single mode (80-bit shift register) and dual mode (40-bit × 2 shift register) applications
(1) O1
→ O80
(2) O80
→ O1
(3) O1
→ O40 and O41 → O80
(4) O80
→ O41 and O40 → O1
All four of the shift direction selection listed above all supported
• Operating power supply voltage/operating temperature include
VDD (Logic section) : 2.7 to 5.5V/-20 to +85°C
VDD-VEE (LCD section) : 12 to 32V/-20 to +85°C
• CMOS process
• 100-pin flat plastic package (QIP100E)
Ordering number : ENA2123
CMOS LSI
Dot-Matrix LCD Drivers
Single mode
Dual mode


Número de pieza similar - LC79430KNE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC79430KNE SANYO-LC79430KNE Datasheet
123Kb / 7P
   Dot-Matrix LCD Drivers
More results

Descripción similar - LC79430KNE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LC79431KNE ONSEMI-LC79431KNE Datasheet
118Kb / 7P
   Dot-Matrix LCD Drivers
July, 2013
logo
Sanyo Semicon Device
LC7940YC SANYO-LC7940YC Datasheet
257Kb / 13P
   Dot-matrix LCD Drivers
LC79430KNE SANYO-LC79430KNE Datasheet
123Kb / 7P
   Dot-Matrix LCD Drivers
LC79431KNE SANYO-LC79431KNE Datasheet
121Kb / 7P
   Dot-Matrix LCD Drivers
LC7940YD SANYO-LC7940YD Datasheet
243Kb / 11P
   Dot-matrix LCD Drivers
logo
ON Semiconductor
LC79401KNE-E ONSEMI-LC79401KNE-E Datasheet
89Kb / 8P
   Dot-Matrix LCD Drivers
July, 2013
logo
Sanyo Semicon Device
LC79401KNE SANYO-LC79401KNE Datasheet
91Kb / 8P
   Dot-Matrix LCD Drivers
LC7940KD SANYO-LC7940KD Datasheet
112Kb / 13P
   CMOS IC Dot-Matrix LCD Drivers
LC7942KD SANYO-LC7942KD Datasheet
70Kb / 8P
   CMOS IC Dot-Matrix LCD Drivers
LC7940ND SANYO-LC7940ND Datasheet
214Kb / 11P
   Dot-Matrix LCD Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com