Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM5009CN2S Datasheet(PDF) 10 Page - Nippon Precision Circuits Inc

No. de pieza SM5009CN2S
Descripción Electrónicos  Crystal Oscillator Module ICs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NPC [Nippon Precision Circuits Inc]
Página de inicio  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5009CN2S Datasheet(HTML) 10 Page - Nippon Precision Circuits Inc

Back Button SM5009CN2S Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5009CN2S Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5009CN2S Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5009CN2S Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5009CN2S Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5009CN2S Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5009CN2S Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5009CN2S Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5009CN2S Datasheet HTML 14Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
SM5009 series
NIPPON PRECISION CIRCUITS—10
5 V operation: VDD = 4.5 to 5.5 V, VSS = 0 V, Ta = −40 to 85 °C unless otherwise noted.
P arameter
S y m b o l
Condition
Rating
Unit
min
typ
m a x
HIGH-level output voltage
V OH
Q: Measurement cct 1, IOH = 16 m A
SM5009AN1S , CF5009AN1
SM5009AN2S , CF5009AN2
4.0
V
SM5009AN3S , CF5009AN3
SM5009AN4S , CF5009AN4
SM5009AN5S , CF5009AN5
SM5009AN6S , CF5009AN6
SM5009CN1S , CF5009CN1
SM5009CN2S , CF5009CN2
3.9
L O W -level output voltage
V OL
Q: Measurement cct 1, IOL = 16 m A
0.4
V
Output leakage current
IZ
Q: Measurement cct 2, I N H = L O W , V OH = V DD
––
1 0
µA
Q: Measurement cct 2, I N H = L O W , V OL = V SS
––
1 0
HIGH-level input voltage
V IH
INH
2.0
V
L O W -level input voltage
V IL
INH
0.8
V
Current consumption
IDD
INH = open, Measurement cct 3,
load cct 2, CL = 15 pF,
40 MHz cr ystal oscillator
CF5009AN1
1 2
2 6
mA
CF5009AN2
8
1 7
CF5009AN3
6
1 3
CF5009AN4
5
1 1
CF5009AN5
5
1 0
CF5009AN6
4
9
INH = open, Measurement cct 3,
load cct 2, CL = 15 pF,
40 MHz cr ystal oscillator,
Ta = –20 to +80
°C
SM5009AN1S
1 2
2 6
SM5009AN2S
8
1 7
SM5009AN3S
6
1 3
SM5009AN4S
5
1 1
SM5009AN5S
5
1 0
SM5009AN6S
4
9
INH = open, Measurement cct 3,
load cct 2, CL = 15 pF,
30 MHz cr ystal oscillator
SM5009CN1S , CF5009CN1
1 0
2 2
SM5009CN2S , CF5009CN2
7
15
INH pull-up resistance
R UP
Measurement cct 4, V DD = 5 V, INH = V SS
40
200
k
Negative resistance
−R L
V DD = 5 V, Ta = 25 °C , 40 M H z
–210
Feedback resistance
R f
Measurement cct 5
0.4
1.1
M
Built-in capacitance
C G
Design value, determined by the internal wafer pattern
5.58
6
6.42
p F
C D
9.3
1 0
10.7
p F


Número de pieza similar - SM5009CN2S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nippon Precision Circui...
SM5009CN2S NPC-SM5009CN2S Datasheet
149Kb / 20P
   Crystal Oscillator Module ICs
More results

Descripción similar - SM5009CN2S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com