Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ESD7451N2T5G Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza ESD7451N2T5G
Descripción Electrónicos  ESD Protection Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD7451N2T5G Datasheet(HTML) 2 Page - ON Semiconductor

  ESD7451N2T5G Datasheet HTML 1Page - ON Semiconductor ESD7451N2T5G Datasheet HTML 2Page - ON Semiconductor ESD7451N2T5G Datasheet HTML 3Page - ON Semiconductor ESD7451N2T5G Datasheet HTML 4Page - ON Semiconductor ESD7451N2T5G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Bi−Directional TVS
IPP
IPP
V
I
IR
IT
IT
IR
VRWM
VC VBR
VRWM
VC
VBR
ESD7451, SZESD7451
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
*See Application Note AND8308/D for detailed explanations of
datasheet parameters.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse Working Voltage
VRWM
3.3
V
Breakdown Voltage (Note 2)
VBR
IT = 1 mA
6.0
V
Reverse Leakage Current
IR
VRWM = 3.3 V
< 1.0
50
nA
Clamping Voltage (Note 3)
VC
IPP = 1 A
10
V
Clamping Voltage (Note 3)
VC
IPP = 3 A
13
V
ESD Clamping Voltage
VC
Per IEC61000−4−2
Junction Capacitance
CJ
VR = 0 V, f = 1 MHz
VR = 0 V, f = 1 GHz
0.25
0.22
0.35
0.35
pF
Dynamic Resistance
RDYN
TLP Pulse
0.55
W
2. Breakdown voltage is tested from pin 1 to 2 and pin 2 to 1.
3. Non−repetitive current pulse at TA = 25°C, per IEC61000−4−5 waveform.


Número de pieza similar - ESD7451N2T5G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
ESD7410 ONSEMI-ESD7410 Datasheet
124Kb / 6P
   Ultra-Low Capacitance ESD Protection
October, 2016 ??Rev. 0
ESD7410N2T5G ONSEMI-ESD7410N2T5G Datasheet
124Kb / 6P
   Ultra-Low Capacitance ESD Protection
October, 2016 ??Rev. 0
ESD7421 ONSEMI-ESD7421 Datasheet
111Kb / 6P
   ESD Protection Diodes
July, 2014 ??Rev. 1
ESD7421N2T5G ONSEMI-ESD7421N2T5G Datasheet
111Kb / 6P
   ESD Protection Diodes
July, 2014 ??Rev. 1
ESD7421N2T5G ONSEMI-ESD7421N2T5G Datasheet
111Kb / 6P
   ESD Protection Diodes
November, 2016 ??Rev. 2
More results

Descripción similar - ESD7451N2T5G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
ESD1L001 ONSEMI-ESD1L001 Datasheet
457Kb / 6P
   ESD Protection Diodes
May, 2017 ??Rev. 0
ESD7551 ONSEMI-ESD7551 Datasheet
71Kb / 5P
   ESD Protection Diodes
November, 2016 ??Rev. 0
ESD7321 ONSEMI-ESD7321_16 Datasheet
130Kb / 5P
   ESD Protection Diodes
May, 2016 ??Rev. 2
ESD8011 ONSEMI-ESD8011 Datasheet
270Kb / 8P
   ESD Protection Diodes
September, 2015 ??Rev. 3
ESD8101 ONSEMI-ESD8101 Datasheet
153Kb / 8P
   ESD Protection Diodes
August, 2015 ??Rev. 1
ESD8351 ONSEMI-ESD8351_16 Datasheet
286Kb / 9P
   ESD Protection Diodes
May, 2016 ??Rev. 8
ESD5381 ONSEMI-ESD5381_16 Datasheet
93Kb / 5P
   ESD Protection Diodes
May, 2016 ??Rev. 6
logo
Diodes Incorporated
D2V8F4U8MR DIODES-D2V8F4U8MR Datasheet
412Kb / 5P
   ESD PROTECTION DIODES
Rev. 2 - 2 August 2022
logo
Pan Jit International I...
PJSD05MLTM PANJIT-PJSD05MLTM Datasheet
80Kb / 3P
   ESD PROTECTION DIODES
logo
ON Semiconductor
SRV05-4 ONSEMI-SRV05-4 Datasheet
147Kb / 9P
   ESD Protection Diodes
November, 2011 ??Rev. 1
ESD8351P2 ONSEMI-ESD8351P2 Datasheet
282Kb / 8P
   ESD Protection Diodes
April, 2017 ??Rev. 3
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com