Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ESD8101FCT5G Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza ESD8101FCT5G
Descripción Electrónicos  ESD Protection Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD8101FCT5G Datasheet(HTML) 5 Page - ON Semiconductor

  ESD8101FCT5G Datasheet HTML 1Page - ON Semiconductor ESD8101FCT5G Datasheet HTML 2Page - ON Semiconductor ESD8101FCT5G Datasheet HTML 3Page - ON Semiconductor ESD8101FCT5G Datasheet HTML 4Page - ON Semiconductor ESD8101FCT5G Datasheet HTML 5Page - ON Semiconductor ESD8101FCT5G Datasheet HTML 6Page - ON Semiconductor ESD8101FCT5G Datasheet HTML 7Page - ON Semiconductor ESD8101FCT5G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ESD8101, ESD8111
www.onsemi.com
5
IEC 61000−4−2 Spec.
Level
Test Volt-
age (kV)
First Peak
Current
(A)
Current at
30 ns (A)
Current at
60 ns (A)
1
2
7.5
4
2
2
4
15
8
4
3
6
22.5
12
6
4
8
30
16
8
Ipeak
90%
10%
IEC61000−4−2 Waveform
100%
I @ 30 ns
I @ 60 ns
tP = 0.7 ns to 1 ns
Figure 11. IEC61000−4−2 Spec
Transmission Line Pulse (TLP) Measurement
Transmission Line Pulse (TLP) provides current versus
voltage (I−V) curves in which each data point is obtained
from a 100 ns long rectangular pulse from a charged
transmission line. A simplified schematic of a typical TLP
system is shown in Figure 12. TLP I−V curves of ESD
protection devices accurately demonstrate the product’s
ESD capability because the 10s of amps current levels and
under 100 ns time scale match those of an ESD event. This
is illustrated in Figure 13 where an 8 kV IEC 61000−4−2
current waveform is compared with TLP current pulses at
8 A and 16 A. A TLP I−V curve shows the voltage at which
the device turns on as well as how well the device clamps
voltage over a range of current levels.
Figure 12. Simplified Schematic of a Typical TLP
System
DUT
L
S
÷
Oscilloscope
Attenuator
10 M
W
VC
VM
IM
50
W Coax
Cable
50
W Coax
Cable
Figure 13. Comparison Between 8 kV IEC 61000−4−2 and 8 A and 16 A TLP Waveforms


Número de pieza similar - ESD8101FCT5G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
ESD8101FCT5G ONSEMI-ESD8101FCT5G Datasheet
106Kb / 7P
   ESD Protection Diodes
June, 2016 ??Rev. 5
More results

Descripción similar - ESD8101FCT5G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
ESD1L001 ONSEMI-ESD1L001 Datasheet
457Kb / 6P
   ESD Protection Diodes
May, 2017 ??Rev. 0
ESD7551 ONSEMI-ESD7551 Datasheet
71Kb / 5P
   ESD Protection Diodes
November, 2016 ??Rev. 0
ESD7321 ONSEMI-ESD7321_16 Datasheet
130Kb / 5P
   ESD Protection Diodes
May, 2016 ??Rev. 2
ESD8011 ONSEMI-ESD8011 Datasheet
270Kb / 8P
   ESD Protection Diodes
September, 2015 ??Rev. 3
ESD8351 ONSEMI-ESD8351_16 Datasheet
286Kb / 9P
   ESD Protection Diodes
May, 2016 ??Rev. 8
ESD5381 ONSEMI-ESD5381_16 Datasheet
93Kb / 5P
   ESD Protection Diodes
May, 2016 ??Rev. 6
logo
Diodes Incorporated
D2V8F4U8MR DIODES-D2V8F4U8MR Datasheet
412Kb / 5P
   ESD PROTECTION DIODES
Rev. 2 - 2 August 2022
logo
Pan Jit International I...
PJSD05MLTM PANJIT-PJSD05MLTM Datasheet
80Kb / 3P
   ESD PROTECTION DIODES
logo
ON Semiconductor
SRV05-4 ONSEMI-SRV05-4 Datasheet
147Kb / 9P
   ESD Protection Diodes
November, 2011 ??Rev. 1
ESD8351P2 ONSEMI-ESD8351P2 Datasheet
282Kb / 8P
   ESD Protection Diodes
April, 2017 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com