Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ESD8116MUTAG Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza ESD8116MUTAG
Descripción Electrónicos  ESD Protection Diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD8116MUTAG Datasheet(HTML) 1 Page - ON Semiconductor

  ESD8116MUTAG Datasheet HTML 1Page - ON Semiconductor ESD8116MUTAG Datasheet HTML 2Page - ON Semiconductor ESD8116MUTAG Datasheet HTML 3Page - ON Semiconductor ESD8116MUTAG Datasheet HTML 4Page - ON Semiconductor ESD8116MUTAG Datasheet HTML 5Page - ON Semiconductor ESD8116MUTAG Datasheet HTML 6Page - ON Semiconductor ESD8116MUTAG Datasheet HTML 7Page - ON Semiconductor ESD8116MUTAG Datasheet HTML 8Page - ON Semiconductor ESD8116MUTAG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2015
May, 2015 − Rev. 0
1
Publication Order Number:
ESD8116/D
ESD8116
ESD Protection Diode
Low Capacitance Array for High Speed
Data Lines
The ESD8116 transient voltage suppressor is specifically designed
to protect USB 3.0/3.1 interfaces from ESD. Ultra−low capacitance
and low ESD clamping voltage make this device an ideal solution for
protecting voltage sensitive high speed data lines. The flow−through
style package allows for easy PCB layout and matched trace lengths
necessary to maintain consistent impedance between high speed
differential lines.
Features
Low Capacitance (0.35 pF Max, I/O to GND)
Protection for the Following IEC Standards:
IEC 61000−4−2 (Level 4)
Low ESD Clamping Voltage
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Typical Applications
USB 3.0/3.1
Display Port
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Operating Junction Temperature Range
TJ
− 55 to +125
°C
Storage Temperature Range
Tstg
− 55 to +150
°C
Lead Solder Temperature −
Maximum (10 Seconds)
TL
260
°C
IEC 61000−4−2 Contact (ESD)
IEC 61000−4−2 Air (ESD)
ESD
ESD
±15
±15
kV
kV
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
See Application Note AND8308/D for further description of
survivability specs.
MARKING
DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
www.onsemi.com
ESD8116MUTAG
UDFN8
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
PIN CONFIGURATION
12
3
4
6
7
8
I/O
5
GND
GND
I/O
I/O
I/O
I/O
I/O
UDFN8
CASE 517CX
6CM
G
G
6C
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)


Número de pieza similar - ESD8116MUTAG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
ESD8111 ONSEMI-ESD8111 Datasheet
153Kb / 8P
   ESD Protection Diodes
August, 2015 ??Rev. 1
ESD8111FCT5G ONSEMI-ESD8111FCT5G Datasheet
153Kb / 8P
   ESD Protection Diodes
August, 2015 ??Rev. 1
ESD8111FCT5G ONSEMI-ESD8111FCT5G Datasheet
106Kb / 7P
   ESD Protection Diodes
June, 2016 ??Rev. 5
ESD8111PFCT5G ONSEMI-ESD8111PFCT5G Datasheet
153Kb / 8P
   ESD Protection Diodes
August, 2015 ??Rev. 1
ESD8111PFCT5G ONSEMI-ESD8111PFCT5G Datasheet
106Kb / 7P
   ESD Protection Diodes
June, 2016 ??Rev. 5
More results

Descripción similar - ESD8116MUTAG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
RSB6.8G ROHM-RSB6.8G Datasheet
160Kb / 3P
   ESD Protection diode
logo
AUK corp
SDT6D8EF AUK-SDT6D8EF Datasheet
255Kb / 3P
   ESD Protection Diode
logo
Pan Jit International I...
PJQA6V8C PANJIT-PJQA6V8C Datasheet
209Kb / 3P
   ESD Protection diode
logo
WILLAS ELECTRONIC CORP
SESD9DXXV WILLAS-SESD9DXXV Datasheet
387Kb / 4P
   ESD Protection Diode
logo
Rohm
RSB6.8STE61 ROHM-RSB6.8STE61 Datasheet
394Kb / 3P
   ESD Protection diode
logo
Leshan Radio Company
LESD7D5.0T5G LRC-LESD7D5.0T5G Datasheet
499Kb / 6P
   ESD PROTECTION DIODE
logo
Sanyo Semicon Device
DA473S6 SANYO-DA473S6 Datasheet
285Kb / 4P
   ESD Protection Diode
logo
AUK corp
SDT6B2Q AUK-SDT6B2Q Datasheet
52Kb / 3P
   ESD Protection Diode
logo
Dallas Semiconductor
DS9502 DALLAS-DS9502 Datasheet
67Kb / 3P
   ESD Protection Diode
logo
Socay Electornics Co., ...
ESD11D05V-A SOCAY-ESD11D05V-A Datasheet
387Kb / 3P
   ESD Protection Diode
ESD11D05V-C SOCAY-ESD11D05V-C Datasheet
377Kb / 3P
   ESD Protection Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com