Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ESD8118MUTAG Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza ESD8118MUTAG
Descripción Electrónicos  Low Capacitance Array for High Speed Data Lines
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD8118MUTAG Datasheet(HTML) 3 Page - ON Semiconductor

  ESD8118MUTAG Datasheet HTML 1Page - ON Semiconductor ESD8118MUTAG Datasheet HTML 2Page - ON Semiconductor ESD8118MUTAG Datasheet HTML 3Page - ON Semiconductor ESD8118MUTAG Datasheet HTML 4Page - ON Semiconductor ESD8118MUTAG Datasheet HTML 5Page - ON Semiconductor ESD8118MUTAG Datasheet HTML 6Page - ON Semiconductor ESD8118MUTAG Datasheet HTML 7Page - ON Semiconductor ESD8118MUTAG Datasheet HTML 8Page - ON Semiconductor ESD8118MUTAG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ESD8118
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted)
Symbol
Parameter
VRWM
Working Peak Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
VHOLD
Holding Reverse Voltage
IHOLD
Holding Reverse Current
RDYN
Dynamic Resistance
IPP
Maximum Peak Pulse Current
VC
Clamping Voltage @ IPP
VC = VHOLD + (IPP * RDYN)
Uni−Directional TVS
IPP
IPP
V
I
IR
IT
VRWM
VCL VBR
VCL
RDYN
RDYN
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse Working Voltage
VRWM
I/O Pin to GND
3.3
V
Breakdown Voltage
VBR
IT = 1 mA, I/O Pin to GND
4.0
5.0
V
Reverse Leakage Current
IR
VRWM = 3.3 V, I/O Pin to GND
1.0
mA
Clamping Voltage (Note 1)
VC
IEC61000−4−2,
±8 KV Contact
See Figures 2 and 3
V
Clamping Voltage
TLP (Note 2)
See Figures 6 through 9
VC
IPP = 8 A
IPP = −8 A
IEC 61000−4−2 Level 2 equivalent
(
±4 kV Contact, ±4 kV Air)
8.5
−4.5
V
IPP = 16 A
IPP = −16 A
IEC 61000−4−2 Level 4 equivalent
(
±8 kV Contact, ±15 kV Air)
11.4
−8.0
Dynamic Resistance
RDYN
I/O Pin to GND
GND to I/O Pin
0.35
0.44
W
Junction Capacitance
CJ
VR = 0 V, f = 1 MHz between I/O Pins and GND
VR = 0 V, f = 1 MHz, between I/O Pins
VR = 0 V, f = 1 MHz, TA = 65°C between I/O Pins
and GND
0.30
0.15
0.37
0.35
0.20
0.47
pF
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. For test procedure see Figures 4 and 5 and application note AND8307/D.
2. ANSI/ESD STM5.5.1 − Electrostatic Discharge Sensitivity Testing using Transmission Line Pulse (TLP) Model.
TLP conditions: Z0 = 50 W, tp = 100 ns, tr = 4 ns, averaging window; t1 = 30 ns to t2 = 60 ns.


Número de pieza similar - ESD8118MUTAG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
ESD8111 ONSEMI-ESD8111 Datasheet
153Kb / 8P
   ESD Protection Diodes
August, 2015 ??Rev. 1
ESD8111FCT5G ONSEMI-ESD8111FCT5G Datasheet
153Kb / 8P
   ESD Protection Diodes
August, 2015 ??Rev. 1
ESD8111FCT5G ONSEMI-ESD8111FCT5G Datasheet
106Kb / 7P
   ESD Protection Diodes
June, 2016 ??Rev. 5
ESD8111PFCT5G ONSEMI-ESD8111PFCT5G Datasheet
153Kb / 8P
   ESD Protection Diodes
August, 2015 ??Rev. 1
ESD8111PFCT5G ONSEMI-ESD8111PFCT5G Datasheet
106Kb / 7P
   ESD Protection Diodes
June, 2016 ??Rev. 5
More results

Descripción similar - ESD8118MUTAG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
PJLCDA05 PANJIT-PJLCDA05 Datasheet
124Kb / 4P
   QUAD LOW CAPACITANCE TVS ARRAY FOR HIGH SPEED DATA LINES
logo
ON Semiconductor
NUP4105MU ONSEMI-NUP4105MU Datasheet
125Kb / 3P
   Low Capacitance ESD Protection Array for High Speed Data Lines Protection
April, 2009 ??Rev. 1
ESD1014 ONSEMI-ESD1014 Datasheet
97Kb / 3P
   Low Capacitance ESD Protection Array for High Speed Data Lines Protection
March, 2011 ??Rev. 0
NUP2201MR6 ONSEMI-NUP2201MR6_06 Datasheet
74Kb / 6P
   Low Capacitance TSOP?? Diode?뭈VS Array for High Speed Data Lines Protection
January, 2006 ??Rev. 2
logo
Pan Jit International I...
PJLCDA05 PANJIT-PJLCDA05_06 Datasheet
89Kb / 4P
   ULTRA LOW CAPACITANCE QUAD TVS ARRAY FOR HIGH SPEED TRANSMISSION DATA LINES
logo
ON Semiconductor
NUP2201MR6 ONSEMI-NUP2201MR6 Datasheet
38Kb / 4P
   Low Capacitance TSOP-6 Diode-TVS Array for High Speed Data Lines Protection
November, 2003 ??Rev. 1
NUP2202W1 ONSEMI-NUP2202W1 Datasheet
74Kb / 6P
   Low Capacitance SC-88 Diode-TVS Array for HIGH Speed Data Lines Protection
January, 2006 ??Rev. 1
NUP4202W1 ONSEMI-NUP4202W1 Datasheet
80Kb / 8P
   Low Capacitance SC??8 Diode?뭈VS Array for High Speed Data Lines Protection
March, 2006 ??Rev. 2
NUP4201MR6 ONSEMI-NUP4201MR6 Datasheet
41Kb / 4P
   Low Capacitance TSOP-6 Diode-TVS Array for High Speed Data Lines Protection
March, 2005 ??Rev. 1
logo
Sanyo Semicon Device
VS912SL SANYO-VS912SL Datasheet
309Kb / 4P
   Low Capacitance TVS Diode Array Protection Device of High-speed Data Lines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com