Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA72912V Datasheet(PDF) 7 Page - ON Semiconductor

No. de pieza LA72912V
Descripción Electrónicos  8-bit Withstand Voltage Microcontroller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA72912V Datasheet(HTML) 7 Page - ON Semiconductor

  LA72912V Datasheet HTML 1Page - ON Semiconductor LA72912V Datasheet HTML 2Page - ON Semiconductor LA72912V Datasheet HTML 3Page - ON Semiconductor LA72912V Datasheet HTML 4Page - ON Semiconductor LA72912V Datasheet HTML 5Page - ON Semiconductor LA72912V Datasheet HTML 6Page - ON Semiconductor LA72912V Datasheet HTML 7Page - ON Semiconductor LA72912V Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LA72912V
No.A1409-7/12
Pin Function
Pin No.
Pin name
FM MOD mode(Outside camera)
FM DEMOD mode(Inside Monitor)
Note
1
Emphasis filter
Emphasis filter connection pin
Non connect(Hi-Z)
If you no need, this pin is open.
2
VCC5V
VCC for FM modulation.
VCC for FM demodulation.
3
FM/Video Output
FM Output
(RO=200Ω:1.8Vp-p)
Video Output
(RO=1kΩ: 2Vp-p)
Push-pull output
4
4V Regulator
FM modulate block and ASK bock
supply reference voltage.
FM demodulate block and ASK bock
supply reference voltage.
5
FM/VD input
VD Input.
(Hi: over 2V, Low: under 0.4V)
(VD DET: High)
FM Input.
(Recommend Level: 100 to 620mVp-p)
DEMOD mode: Set
3.3V by internal bias. (34k
Ω/66kΩ)
6
MOD/DEMOD Control
Set over 2V DC voltage.
Set under 0.4V DC voltage.
Outside camera /
Inside monitor setting.
7
TC1(MOD)/
FMAGC monitor
Out control
Set capacitor for TC1
FMAGC monitor out control
GND: Monitor ON / VCC: Monitor OFF
Can do second inside monitor
addition
8
TC2(DEMOD)/
FMAGC monitor
Output
Set capacitor for TC2
FMAGC monitor output
Can do second inside monitor
addition
9
ASK-VCC5V
VCC for ASK
10
ASK CAR IN
ASK carrier Input.
(Recommend below 3Vp-p)
2.1V by internal bias. (50k
Ω)
11
ASK DATA IN
ASK Data Input.
(Hi: more than 2V, Lo: below 0.4V)
12
ASK TX Output
ASK modulated signal Output
Push-pull output
13
ASK RX Output
ASK Demodulated Output
Open collector output
ASK carrier detect = Lo
14
ASK DET filter
ASK Detector filter
15
ASK AGC filter
/AGC OFF
AGC filter for ASK. (When AGC
operate voltage is 0V to 3V, AGC stop
when you add over 4.5V.)
16
ASK RX input
ASK Demodulate Input
3.3V by internal bias. (34k
Ω/66kΩ)
17
Standby control
FM blocks standby control. (FM block
operate: over 2V, FM block standby:
under 0.4V )
18
DOC-OUT
/2nd-Call input
2ND-Call input, 2ND-Call: Low (High:
over 2V, Low: under 0.4V)
DOC output
(When DO-DET, output is Low)
DEMOD mode:
Open collector output.
19
B-GND
Circuit GND
20
FM AGC filter
Emphasis monitor output
FM AGC control filter (AGC-ON:0
to
3V DC, AGC-OFF:4.5V
to 5V by
external DC voltage.)
MOD mode: Don’t connect
capacitor.
21
De-emphasis filter
Non connect(Hi-Z)
De-emphasis filter connection pin.
If you don’t need, this pin is open.
22
A-GND
Circuit GND
23
De-emphasis output
/V-2V select
DFF for V-diff control
(ON: over 2V, OFF: under 0.4V)
DE-emphasis output
MOD mode;
VD diff. Count select
0V : VD through
2V : VD 1/2 diff
24
Video input
Video signal input.
(from outside CCD camera: 1Vp-p).
Video signal input.
(from de-emphasis block: 0.5Vp-p).
MOD mode: Maximum video input
level is 1.5Vp-p.


Número de pieza similar - LA72912V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA72912V SANYO-LA72912V Datasheet
196Kb / 12P
   FM Modulator and Demodulator IC
More results

Descripción similar - LA72912V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
WPB4002 ONSEMI-WPB4002 Datasheet
257Kb / 5P
   8-bit Withstand Voltage Microcontroller
LA4282 ONSEMI-LA4282 Datasheet
167Kb / 7P
   8-bit Withstand Voltage Microcontroller
July 2015- Rev. 0
CPH3145 ONSEMI-CPH3145 Datasheet
534Kb / 5P
   8-bit Withstand Voltage Microcontroller
June 2015 - Rev. 2
2SK3816 ONSEMI-2SK3816 Datasheet
290Kb / 7P
   8-bit Withstand Voltage Microcontroller
ENA1035 ONSEMI-ENA1035 Datasheet
178Kb / 25P
   CMOS IC FROM 66K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA0145 ONSEMI-ENA0145 Datasheet
408Kb / 34P
   CMOS LSI 8-bit Withstand Voltage Microcontroller 128K-byte Flash ROM / 4096-byte RAM / 100pin
April, 2014 Ver. 1.70a
2SK4124 ONSEMI-2SK4124 Datasheet
281Kb / 7P
   null8-bit Withstand Voltage Microcontroller
July, 2013
2SK4125 ONSEMI-2SK4125 Datasheet
288Kb / 7P
   null8-bit Withstand Voltage Microcontroller
July, 2013
ESD7102 ONSEMI-ESD7102 Datasheet
437Kb / 6P
   ESD Protection Diodes
March, 2015 - Rev. P0
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com