Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SM5010CL2S Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc |
|
SM5010CL2S Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc |
3 / 14 page SM5010 series NIPPON PRECISION CIRCUITS—3 PAD LAYOUT (Unit: µm) PINOUT (Top view) PIN DESCRIPTION and PAD DIMENSIONS BLOCK DIAGRAM Chip size: 0.92 × 1.18 mm Chip thickness: 300 ± 30 µm Chip base: V DD level Q VDD XT VSS (0,0) (920,1180) X Y INH XT 1 XT VSS Q VDD 4 2 3 NC NC 8 7 6 5 XT INH Number Name I/O Description P ad dimensions [µm] XY 1I N H I Output state control input. High impedance when LOW . In the case of the 5010CL ×, the oscillator stops and Pow er-saving pull-up resistor built in. 1 9 5 174.4 2 X T I Amplifier input. Cr ystal oscillator connection pins. Cr ystal oscillator connected between XT and X T 3 8 5 174.4 3X T O Amplifier output. 5 7 5 174.4 4 V S S – G round 7 6 5 174.4 5 Q O Output. Output frequency (fO, fO /2, fO /4, fO /8) determined by internal connection 757.6 1017.6 6 N C – No connection –– 7 N C – No connection –– 8 V D D – Supply voltage 165.4 1014.6 XT VSS VDD Q CG CD Rf XT INH 1/2 1/2 1/2 RD |
Número de pieza similar - SM5010CL2S |
|
Descripción similar - SM5010CL2S |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |