Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LB11660RV Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza LB11660RV
Descripción Electrónicos  Half-pre Motor Driver Single-Phase Full-Wave Drive
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11660RV Datasheet(HTML) 3 Page - ON Semiconductor

  LB11660RV Datasheet HTML 1Page - ON Semiconductor LB11660RV Datasheet HTML 2Page - ON Semiconductor LB11660RV Datasheet HTML 3Page - ON Semiconductor LB11660RV Datasheet HTML 4Page - ON Semiconductor LB11660RV Datasheet HTML 5Page - ON Semiconductor LB11660RV Datasheet HTML 6Page - ON Semiconductor LB11660RV Datasheet HTML 7Page - ON Semiconductor LB11660RV Datasheet HTML 8Page - ON Semiconductor LB11660RV Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LB11660RV
www.onsemi.com
3
Electrical Characteristics at Ta = 25
C, VCC = 12V, unless otherwise specified
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Circuit current
ICC1
During driving
9
12
mA
HB voltage
VHB
IHB=5mA
1.05
1.25
1.40
V
6VREG voltage
V6VREG
6VREG=5mA
5.80
6
6.20
V
CT pin H level voltage
VCTH
3.4
3.6
3.8
V
CT pin L level voltage
VCTL
1.4
1.6
1.8
V
ICT pin charge current 1
ICTC1
VCC=12V
1.7
2.2
2.7
A
ICT pin charge current 2
ICTC2
VCC=6V
1.3
1.8
2.3
A
ICT pin discharge current 1
ICTD1
VCC=12V
0.11
0.15
0.19
A
ICT pin discharge current 2
ICTD2
VCC=6V
0.34
0.44
0.54
A
ICT charge/discharge ratio 1
RCT1
VCC=12V
12
15
18
ICT charge/discharge ratio 2
RCT2
VCC=6V
3
4
5
ICT charge/discharge ratio threshold
voltage
VRCT
6
6.6
7.3
V
VTH bias current
IBVTH
2
1
0
A
OUT output H saturation voltage
VOH
IO=200mA, RL=1
0.6
0.8
V
PRE output L saturation voltage
VPL
IO=5mA
0.2
0.4
V
PRE output H saturation voltage
VPH
IO= 20mA
0.9
1.2
V
Current limiter
VRf
VCC  VM
450
500
550
mV
PWM output H level voltage
VPWMH
2.2
2.5
2.8
V
PWM output L level voltage
VPWML
0.4
0.5
0.7
V
PWM external C capacitor charge
current
IPWM1
23
18
14
A
PWM external C capacitor discharge
current
IPWM2
18
24
30
A
PWM oscillation frequency
FPWM
C=200pF
19
23
27
kHz
Hall input sensitivity
VHN
Zero peak value (including offset and hysteresis)
15
25
mV
RD output pin L voltage
VRD
IRD=5mA
0.2
0.3
V
RD output pin leak current
IRDL
VRD=7V
30
A
Thermal protection circuit
THD
Design target value *3
150
180
210
C
*3 These are design guarantee values, and are not tested.
The thermal protection circuit is implemented to prevent the IC from being thermally damaged or burned when exposed to an environment exceeding
the guaranteed operating temperature range. Thermal design must be carried out so that the thermal protection circuit will never be activated while the
fan is running in a stable condition.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.


Número de pieza similar - LB11660RV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB11660RV SANYO-LB11660RV Datasheet
78Kb / 9P
   Single-Phase Full-Wave Driver
More results

Descripción similar - LB11660RV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LB11660FV ONSEMI-LB11660FV Datasheet
129Kb / 10P
   Half-pre Motor Driver Single-Phase Full-Wave Drive
August 2015 - Rev. 1
logo
List of Unclassifed Man...
BA6409F ETC1-BA6409F Datasheet
89Kb / 2P
   2-phase half-wave motor pre-driver
logo
Rohm
BD6718FV ROHM-BD6718FV Datasheet
252Kb / 6P
   Single-Phase Full-Wave Motor Pre-Driver for Fan Motor
BA6423AF ROHM-BA6423AF_1 Datasheet
288Kb / 4P
   Single-phase Full-Wave Motor Pre-Driver for Fan
logo
ON Semiconductor
LB11852RV ONSEMI-LB11852RV Datasheet
309Kb / 12P
   Single-phase Full-wave Pre-driver
May, 2013
logo
Rohm
BD6713EFV ROHM-BD6713EFV Datasheet
230Kb / 5P
   Single-Phase Full-Wave Motor Pre-Driver for Fan
logo
Toshiba Semiconductor
TC78B006FNG TOSHIBA-TC78B006FNG Datasheet
997Kb / 36P
   Single Phase Full-wave Pre-driver for Fan Motor
2015-02-13
logo
Rohm
BA6423AF ROHM-BA6423AF Datasheet
228Kb / 5P
   Single-Phase Full-Wave Motor Pre-Driver for Fan
BA6424AFS ROHM-BA6424AFS Datasheet
235Kb / 6P
   Single-Phase Full-Wave Motor Pre-Driver for Fan
logo
Shaoxing Devechip Micro...
SDC11967 SDC-SDC11967 Datasheet
328Kb / 10P
   Single-Phase Full-Wave Pre-Driver For Fan Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com