Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LBZT52C2V4T1G Datasheet(PDF) 2 Page - Leshan Radio Company

No. de pieza LBZT52C2V4T1G
Descripción Electrónicos  Ideal for Surface Mountted Application
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LRC [Leshan Radio Company]
Página de inicio  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBZT52C2V4T1G Datasheet(HTML) 2 Page - Leshan Radio Company

  LBZT52C2V4T1G Datasheet HTML 1Page - Leshan Radio Company LBZT52C2V4T1G Datasheet HTML 2Page - Leshan Radio Company LBZT52C2V4T1G Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Zener Voltage R ange
Maximum Zener
Maximum R evers e
Typical Temperature
VZ @ I
@ ZT
ZZT @ ZT ZZK @ IZK
R
R
@ I
mV/ C
ZT
I
Device Device
Marking
Nom(v) Min(V ) Max(V )
mA
mA
uA
V
Min
Max
mA
LBZT 52C 2V 4
WX
2.4
2.2
2.6
5
100
600
1.0
50
1.0
-3.5
0
5
LBZT 52C 2V 7
W1
2.7
2.5
2.9
5
100
600
1.0
20
1.0
-3.5
0
5
LBZT 52C 3V 0
W2
3.0
2.8
3.2
5
95
600
1.0
10
1.0
-3.5
0
5
LBZT 52C 3V 3
W3
3.3
3.1
3.5
5
95
600
1.0
5.0
1.0
-3.5
0
5
LBZT 52C 3V 6
W4
3.6
3.4
3.8
5
90
600
1.0
5.0
1.0
-3.5
0
5
LBZT 52C 3V 9
W5
3.9
3.7
4.1
5
90
600
1.0
3.0
1.0
-3.5
0
5
LBZT 52C 4V 3
W6
4.3
4.0
4.6
5
90
600
1.0
3.0
1.0
-3.5
0
5
LBZT 52C 4V 7
W7
4.7
4.4
5.0
5
80
500
1.0
3.0
2.0
-3.5
0.2
5
LBZT 52C 5V 1
W8
5.1
4.8
5.4
5
60
480
1.0
2.0
2.0
-2.7
1.2
5
LBZT 52C 5V 6
W9
5.6
5.2
6.0
5
40
400
1.0
1.0
2.0
-2.0
2.5
5
LBZT 52C 6V 2
WA
6.2
5.8
6.6
5
10
150
1.0
3.0
4.0
0.4
3.7
5
LBZT 52C 6V 8
WB
6.8
6.4
7.2
5
15
80
1.0
2.0
4.0
1.2
4.5
5
LBZT 52C 7V 5
WC
7.5
7.0
7.9
5
15
80
1.0
1.0
5.0
2.5
5.3
5
LBZT 52C 8V 2
WD
8.2
7.7
8.7
5
15
80
1.0
0.7
5.0
3.2
6.2
5
LBZT 52C 9V 1
WE
9.1
8.5
9.6
5
15
100
1.0
0.5
6.0
3.8
7.0
5
LBZT 52C 10
WF
10
9.4
10.6
5
20
150
1.0
0.2
7.0
4.5
8.0
5
LBZT 52C 11
WG
11
10.4
11.6
5
20
150
1.0
0.1
8.0
5.4
9.0
5
LBZT 52C 12
WH
12
11.4
12.7
5
25
150
1.0
0.1
8.0
6.0
10.0
5
LBZT 52C 13
WI
13
12.4
14.1
5
30
170
1.0
0.1
8.0
7.0
11.0
5
LBZT 52C 15
WJ
15
13.8
15.8
5
30
200
1.0
0.1
10.5
9.2
13.0
5
LBZT 52C 16
WK
16
15.3
17.1
5
40
200
1.0
0.1
11.2
10.4
14.0
5
LBZT 52C 18
WL
18
16.8
19.1
5
45
225
1.0
0.1
12.6
12.4
16.0
5
LBZT 52C 20
WM
20
18.8
21.2
5
55
225
1.0
0.1
14.0
14.4
18.0
5
LBZT 52C 22
WN
22
20.8
23.3
5
55
250
1.0
0.1
15.4
16.4
20.0
5
LBZT 52C 24
WO
24
22.8
25.6
5
70
250
1.0
0.1
16.8
18.4
22.0
5
LBZT 52C 27
WP
27
25.1
28.9
2
80
300
0.5
0.1
18.9
21.4
25.3
2
LBZT 52C 30
WQ
30
28.0
32
2
80
300
0.5
0.1
21.0
24.4
29.4
2
LBZT 52C 33
WR
33
31.0
35
2
80
325
0.5
0.1
23.1
27.4
33.4
2
LBZT 52C 36
WS
36
34.0
38
2
90
350
0.5
0.1
25.2
30.4
37.4
2
LBZT 52C 39
WT
39
37.0
41
2
130
350
0.5
0.1
27.3
33.4
41.2
2
LBZT 52C 43
WU
43
40.0
46
2
100
700
1.0
0.1
32
10.0
12.0
5
LBZT 52C 47
WV
47
44.0
50
2
100
750
1.0
0.1
35
10.0
12.0
5
LBZT 52C 51
WW
51
48.0
54
2
100
750
1.0
0.1
38
10.0
12.0
5
I
I
(2)
ZT
Impedance(3)
(1)
Izk
C urrent
I
@ V
T es t
C urrent
ZT C
Note:
1. Tested with pulses, period = 5ms, pulse width = 300us.
2. When provided, otherwise, parts are provided with date code only, and type number identifications appears on reel only.
3. f=1KHz.
Electrical Characteristics ( T =25 C unless otherwise noted, V =0.9V Max@ I =10mA)
A
F
F
LESHAN RADIO COMPANY, LTD.
LBZT52C2V4T1G Series,S-LBZT52C2V4T1G Series
Coefficient
Rev.O 2/3


Número de pieza similar - LBZT52C2V4T1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shanghai Leiditech Elec...
LBZT52C2V4T1G LEIDITECH-LBZT52C2V4T1G Datasheet
594Kb / 3P
   Surface Mount Zener Diodes
More results

Descripción similar - LBZT52C2V4T1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
LBZT52MB3V6T1G LRC-LBZT52MB3V6T1G Datasheet
324Kb / 4P
   Ideal for Surface Mountted Application
LUDZS3.6MBT1G LRC-LUDZS3.6MBT1G Datasheet
201Kb / 3P
   400mw Power Dissipation Ideal for Surface Mountted Application
logo
Raltron Electronics Cor...
RT3215 RALTRON-RT3215 Datasheet
133Kb / 1P
   IDEAL FOR HIGH DENSITY PACKAGING APPLICATION
logo
Sangdest Microelectroni...
DSR1A SMC-DSR1A Datasheet
162Kb / 5P
   Ideal for surface mouted applications
logo
Murata Manufacturing Co...
PTC-NTC MURATA-PTC-NTC Datasheet
265Kb / 10P
   for Surface Mounting Application
logo
Nanjing International G...
FSM11 DGNJDZ-FSM11 Datasheet
106Kb / 2P
   For Surface Mount Application
logo
First Silicon Co., Ltd
RS1A FS-RS1A Datasheet
347Kb / 2P
   For surface mounted application
logo
TOKO, Inc
MDT2016-CF TOKO-MDT2016-CF Datasheet
187Kb / 1P
   Ideal for a variety of DC-DC converter Inductor application
logo
Omron Electronics LLC
B3FS-1005 OMRON-B3FS-1005 Datasheet
282Kb / 4P
   Surface-mounting Switches Ideal for High-density Mounting
logo
Sangdest Microelectroni...
FTB6F-15FP SMC-FTB6F-15FP Datasheet
155Kb / 4P
   Designed for Surface Mount Application
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com