Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74LVC573A Datasheet(PDF) 2 Page - ON Semiconductor |
|
74LVC573A Datasheet(HTML) 2 Page - ON Semiconductor |
2 / 10 page 74LVC573A www.onsemi.com 2 Figure 1. Pinout (Top View) Figure 2. Logic Diagram 19 20 18 17 16 15 14 2 1 3 4567 VCC 13 8 12 9 11 10 O0 O1 O2 O3 O4 O5 O6 O7 LE OE D0 D1 D2 D3 D4 D5 D6 D7 GND O0 D0 O1 D1 O2 D2 O3 D3 O4 D4 O5 D5 O6 D6 O7 D7 LE Q D LE Q D LE Q D LE Q D LE Q D LE Q D LE Q D LE Q D LE OE 2 3 4 5 6 7 8 9 19 18 17 16 15 14 13 12 11 1 PIN NAMES Function Output Enable Input Latch Enable Input Data Inputs 3−State Latch Outputs Pins OE LE D0−D7 O0−O7 TRUTH TABLE Inputs Outputs Operating Mode OE LE Dn On L L H H H L H L Transparent (Latch Disabled); Read Latch L L L L h l H L Latched (Latch Enabled) Read Latch L L X NC Hold; Read Latch H L X Z Hold; Disabled Outputs H H H H H L Z Z Transparent (Latch Disabled); Disabled Outputs H H L L h l Z Z Latched (Latch Enabled); Disabled Outputs H = High Voltage Level h = High Voltage Level One Setup Time Prior to the Latch Enable High−to−Low Transition L = Low Voltage Level l = Low Voltage Level One Setup Time Prior to the Latch Enable High−to−Low Transition NC = No Change, State Prior to the Latch Enable High−to−Low Transition X = High or Low Voltage Level or Transitions are Acceptable Z = High Impedance State For ICC Reasons DO NOT FLOAT Inputs |
Número de pieza similar - 74LVC573A |
|
Descripción similar - 74LVC573A |