Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ACE25Q512G Datasheet(PDF) 7 Page - ACE Technology Co., LTD.

No. de pieza ACE25Q512G
Descripción Electrónicos  512K BIT SPI NOR FLASH Memory Series
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ACE [ACE Technology Co., LTD.]
Página de inicio  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25Q512G Datasheet(HTML) 7 Page - ACE Technology Co., LTD.

Back Button ACE25Q512G Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25Q512G Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25Q512G Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25Q512G Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25Q512G Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25Q512G Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25Q512G Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25Q512G Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25Q512G Datasheet HTML 11Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
ACE25Q512G
512K BIT SPI NOR FLASH Memory Series
VER 1.1
7
Table 4
Status Register-1 (SR1)
BIT Name
Function
Default Value
Description
7
SRP0 Status Resister Protect 0
0
0 = /WP input has no effect or Power Supply Lock
Down mode
1 = /WP input can protect the Status Register or
OTP Lock Down
6
SEC
Sector/Block Protect
0
0 = BP2-BP0 protect 64KB blocks
1 = BP2-BP0 protect 4KB sectors
5
TB
Top/Bottom Protect
0
0 = BP2-BP0 protect from the Top down
1 = BP2-BP0 protect from the Bottom up
4
BP2
Block Protect Bits
0
000b = No protection
See Table 6 for protection ranges
3
BP1
0
2
BP0
0
1
WEL
Write Enable Latch
0
0 = Not Write Enabled, no embedded operation
can start
1 = Write Enabled, embedded operation can start
0
WIP
Write in Progress Status
0
0 = Not Busy, no embedded operation in progress
1 = Busy, embedded operation in progress
The Status and Control Bits
WIP bit
The Write in Progress (WIP) bit indicates whether the memory is busy in program/erase/write status
register progress. When WIP bit sets to 1, means the device is busy in program/erase/write status
register progress, when WIP bit sets 0, means the device is not in program/erase/write status register
progress.
WEL bit
The Write Enable Latch bit indicates the status of the internal Write Enable Latch. When set to 1 the
internal Write Enable Latch is set, when set to 0 the internal Write Enable Latch is reset and no Write
Status Register, Program or Erase instruction is accepted.
SEC, TB, BP2, BP1, BP0 bits
The Block Protect (SEC, TB, BP2, BP1, BP0) bits are non-volatile. They define the size of the area
to be software protected against Program and Erase instructions. These bits are written with the Write
Status Register instruction. When the Block Protect (SEC, TB, BP2, BP1, BP0) bits are set to 1, the
relevant memory area (as defined in Table 6).becomes protected against Page Program, Sector
Erase and Block Erase instructions. The Block Protect (SEC, TB, BP2, BP1, BP0) bits can be written
provided that the Hardware Protected mode has not been set.


Número de pieza similar - ACE25Q512G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ACE Technology Co., LTD...
ACE25Q200G ACE-ACE25Q200G Datasheet
1Mb / 46P
   2M BIT SPI NOR FLASH Memory Series
VER 1.2
ACE25Q400G ACE-ACE25Q400G Datasheet
1Mb / 46P
   4M BIT SPI NOR FLASH Memory Series
VER 1.2
ACE25Q800G ACE-ACE25Q800G Datasheet
1Mb / 47P
   8M BIT SPI NOR FLASH Memory Series
VER 1.1
ACE25QA100G ACE-ACE25QA100G Datasheet
1Mb / 28P
   1M BIT SPI NOR FLASH
VER 1.2
ACE25QA160G ACE-ACE25QA160G Datasheet
2Mb / 29P
   16M BIT SPI NOR FLASH
VER 1.1
More results

Descripción similar - ACE25Q512G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ACE Technology Co., LTD...
ACE25QA512G ACE-ACE25QA512G Datasheet
1Mb / 28P
   512K BIT SPI NOR FLASH
VER 1.1
ACE25Q400G ACE-ACE25Q400G Datasheet
1Mb / 46P
   4M BIT SPI NOR FLASH Memory Series
VER 1.2
ACE25Q200G ACE-ACE25Q200G Datasheet
1Mb / 46P
   2M BIT SPI NOR FLASH Memory Series
VER 1.2
logo
AiT Semiconductor Inc.
A25D40 AITSEMI-A25D40 Datasheet
2Mb / 31P
   MEMORY SPI NOR FLASH 4M BIT
REV1.0
logo
ACE Technology Co., LTD...
ACE25Q800G ACE-ACE25Q800G Datasheet
1Mb / 47P
   8M BIT SPI NOR FLASH Memory Series
VER 1.1
logo
AiT Semiconductor Inc.
A25D80 AITSEMI-A25D80 Datasheet
2Mb / 34P
   MEMORY SPI NOR FLASH 8M BIT
REV1.0
A25Q64 AITSEMI-A25Q64 Datasheet
1Mb / 56P
   MEMORY SPI NOR FLASH 64M BIT
REV1.0
A25Q128 AITSEMI-A25Q128 Datasheet
1Mb / 58P
   MEMORY SPI NOR FLASH 128M BIT
REV1.0
logo
ACE Technology Co., LTD...
ACE25QA160G ACE-ACE25QA160G Datasheet
2Mb / 29P
   16M BIT SPI NOR FLASH
VER 1.1
logo
Shanghai Leiditech Elec...
BY25Q128AS LEIDITECH-BY25Q128AS Datasheet
2Mb / 73P
   128M BIT SPI NOR FLASH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com