Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ESD10201 Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza ESD10201
Descripción Electrónicos  Low Capacitance ESD Protection Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD10201 Datasheet(HTML) 4 Page - ON Semiconductor

  ESD10201 Datasheet HTML 1Page - ON Semiconductor ESD10201 Datasheet HTML 2Page - ON Semiconductor ESD10201 Datasheet HTML 3Page - ON Semiconductor ESD10201 Datasheet HTML 4Page - ON Semiconductor ESD10201 Datasheet HTML 5Page - ON Semiconductor ESD10201 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ESD10201
www.onsemi.com
4
Figure 5. Typical Positive TLP IV Curve
Figure 6. Typical Negative TLP IV Curve
VOLTAGE (V)
18
045
35
30
510
15
25
20
VOLTAGE (V)
0
−45
−5
−10
−15
−25
−35
−30
−18
−16
−14
−12
−10
−8
−6
−4
−2
0
NOTE:
TLP parameter: Z0 = 50 W, tp = 100 ns, tr = 300 ps, averaging window: t1 = 30 ns to t2 = 60 ns.
16
14
12
10
8
6
4
2
0
40
−20
−40
Transmission Line Pulse (TLP) Measurement
Transmission Line Pulse (TLP) provides current versus
voltage (I−V) curves in which each data point is obtained
from a 100 ns long rectangular pulse from a charged
transmission line. A simplified schematic of a typical TLP
system is shown in Figure 7. TLP I−V curves of ESD
protection devices accurately demonstrate the product’s
ESD capability because the 10s of amps current levels and
under 100 ns time scale match those of an ESD event. This
is illustrated in Figure 8 where an 8 kV IEC 61000−4−2
current waveform is compared with TLP current pulses at
8 A and 16 A. A TLP I−V curve shows the voltage at which
the device turns on as well as how well the device clamps
voltage over a range of current levels.
Figure 7. Simplified Schematic of a Typical TLP
System
DUT
L
S
÷
Oscilloscope
Attenuator
10 M
W
VC
VM
IM
50
W Coax
Cable
50
W Coax
Cable
Figure 8. Comparison Between 8 kV IEC 61000−4−2 and 8 A and 16 A TLP Waveforms


Número de pieza similar - ESD10201

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
ESD102-U1-02ELS INFINEON-ESD102-U1-02ELS Datasheet
782Kb / 16P
   TVS (Transient Voltage Suppressor)
Revision 1.2, 2015-12-14
ESD102-U2-099EL INFINEON-ESD102-U2-099EL Datasheet
1Mb / 15P
   TVS Diodes Transient Voltage Suppressor Diodes
Revision 1.0, 2013-03-21
ESD102-U4-05L INFINEON-ESD102-U4-05L Datasheet
1Mb / 19P
   Ultra-Low Capacitance ESD Protection Array for Flow-Through PCB Layout
Revision 1.0, 2013-02-25
More results

Descripción similar - ESD10201

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
ESD7181 ONSEMI-ESD7181_16 Datasheet
119Kb / 6P
   Low Capacitance ESD Protection Diodes
May, 2016 ??Rev. 6
ESD7181 ONSEMI-ESD7181 Datasheet
113Kb / 6P
   Low Capacitance ESD Protection Diodes
October, 2014 ??Rev. 4
logo
NXP Semiconductors
PESD3V3L1UA PHILIPS-PESD3V3L1UA Datasheet
120Kb / 13P
   Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
logo
Nexperia B.V. All right...
PESD5V0S1BA NEXPERIA-PESD5V0S1BA_V01 Datasheet
639Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04 - 20 August 2009
logo
NXP Semiconductors
PESD3V3L1UA NXP-PESD3V3L1UA Datasheet
120Kb / 13P
   Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
PESD5V0L1UA NXP-PESD5V0L1UA Datasheet
120Kb / 13P
   Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
PESD5ZX NXP-PESD5ZX Datasheet
142Kb / 17P
   Low capacitance unidirectional ESD protection diodes
Rev. 02-4 April 2008
PESD5ZX PHILIPS-PESD5ZX Datasheet
142Kb / 17P
   Low capacitance unidirectional ESD protection diodes
Rev. 02-4 April 2008
logo
ON Semiconductor
ESD7371 ONSEMI-ESD7371 Datasheet
114Kb / 8P
   Ultra-Low Capacitance ESD Protection Diodes
September, 2014 ??Rev. 1
ESD7471 ONSEMI-ESD7471 Datasheet
70Kb / 4P
   Ultra-Low Capacitance ESD Protection Diodes
September, 2014 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com