Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC823450TA-2H Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza LC823450TA-2H
Descripción Electrónicos  Low Power & High-Resolution Audio Processing System LSI
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450TA-2H Datasheet(HTML) 3 Page - ON Semiconductor

  LC823450TA-2H Datasheet HTML 1Page - ON Semiconductor LC823450TA-2H Datasheet HTML 2Page - ON Semiconductor LC823450TA-2H Datasheet HTML 3Page - ON Semiconductor LC823450TA-2H Datasheet HTML 4Page - ON Semiconductor LC823450TA-2H Datasheet HTML 5Page - ON Semiconductor LC823450TA-2H Datasheet HTML 6Page - ON Semiconductor LC823450TA-2H Datasheet HTML 7Page - ON Semiconductor LC823450TA-2H Datasheet HTML 8Page - ON Semiconductor LC823450TA-2H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
LC823450
www.onsemi.com
3
1 Availability of features explained here depends on products.
MP3
1 hard wired encoder/decoder
-
MP3 MPEG1, MPEG2, MPEG2.5
Sampling rate : 8kHz,11.025kHz,12kHz,16kHz, 22.05kHz, 24kHz, 32kHz, 44.1kHz, 48kHz
Bit rate :8 Kbps to 320 Kbps (Decoder-VBR supported)
LPDSP32 system
-
Internal SRAM (120kbyte)
-
Internal ROM (220kbyte)
-
WMA
2 (Microsoft WMA Decoder Profile Level3)
Sampling rate : 8kHz,11.025kHz,16kHz, 22.05kHz, 32kHz, 44.1kHz, 48kHz
Bit rate :5 Kbps to 320 Kbps (VBR supported)
-
AAC (MPEG4 LC-AAC)
Sampling rate : 8kHz,11.025kHz,12kHz,16kHz, 22.05kHz, 24kHz, 32kHz, 44.1kHz, 48kHz
Bit rate : 8Kbps to 320Kbps (VBR supported)
-
Variable Speed Control playback (0.5 to 4.0 times speed)
 While WMA and AAC playback, up to 2.0 time speed
 While PCM playback, up to 4.0 times speed
 While MP3 playback w/ hard wired decoder, up to 4.0 times speed
-
Noise Canceller, etc.
-
JTAG ICE
Bluetooth Protocol Stack available
3
Other audio functions available
-
6band Equalizer (EQ3)
-
Volume, Mute
-
Level Meter
-
Audio Timer w/ interrupt generation
-
16/24/32bit 192 kHz PCM I/F (2ch×2). Master/slave, I2S
-
SSRC (Synchronous Sampling Rate Converter)
0.25 to 64 conversion capable
-
ASRC (Asynchronous Sampling Rate Converter)
jitter reducing function supporting USB audio class and Bluetooth streaming
-
Beep generator
-
Digital Microphone I/F (2ch×1)
-
16bit Audio DAC (2ch)
w/ Class-D Amplifier for Head Phone (2ch). Need external LC LPF
Audio clock generation
-
Dedicated PLL for audio(PLL2:1V and PLL3:3V operation integrated)
-
Selectable PLL reference clock
XT1 (1 to 50MHz Main xtal)
XTRTC (32.768KHz RTC xtal)
PCM I/F MCLK0 (/MCLK1), BCK0, BCK1
Power supply
-
Typical voltage
 LOGIC(Vdd1), XT1(VddXT1), PLL1(AVddPLL1), PLL2(AVddPLL2) = 1.0V
 PLL3(AVddPLL3) = 3.3V
 RTC(VddRTC) = 1.0V
 I/O(Vdd2) = 1.8V or 3.3V
 SD0(VddSD0) = 1.8V or 3.3V
 SD1(VddSD1) = 1.8V or 3.3V
 SD2(VddSD2) = 1.8V or 3.3V
 S-Flash I/F(VddQSPI) = 1.8V or 3.3V
 ADC(AVddADC) = 3.3V
 USB PHY1(AVddUSBPHY1, DVddUSBPHY1) = 1.0V(w/o USB connection) or 1.2V(w/ USB connection)
 USB PHY2(AVddUSBPHY2) = 2.8V(w/o USB connection) or 3.3V(w/ USB connection)
 Class-D Amplifier(AVddDAMPL,AVddDAMPR) = 1.2V
1 MPEG Layer-3 audio coding technology licensed from Fraunhofer IIS and Thomson.
Supply of this product does not convey license nor imply any right to distribute content created with this product in revenue-generating
broadcast systems (terrestrial, satellite, cable and/or other distribution channels), streaming applications (via Internet, intranets and/or
networks), other content distribution systems (pay-audio or audio-on-demand applications and the like) or on physical media (compact
discs,
digital
versatile
discs,
semiconductor
chips,
hard
drives,
memory
cards
and
the
like).
For
details,
please
visit
http://mp3licensing.com/
Supply of this product does not convey license under the relevant intellectual property of Thomson and/or Fraunhofer Gesellschaft nor
imply any right to use this product in any finished end user or ready-to-use final product. An independent license for such use is required.
For details, please visit http://mp3licensing.com/.
2 This product contain technology of Microsoft company ownership, and you cannot distribute or use without getting license from Microsoft
Licensing company.
3 The product name for which Bluetooth Protocol Stack is available is determined. Refer to Page 4. Please contact our representative for
license fee for the Stack.
Copyright 1999-2014 OpenSynergy GmbH
All rights reserved. All unpublished rights reserved.


Número de pieza similar - LC823450TA-2H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LC823450TA-2H ONSEMI-LC823450TA-2H Datasheet
887Kb / 112P
   Low Power & High-Resolution Audio Processing System LSI
October, 2017 ??Rev. 7
More results

Descripción similar - LC823450TA-2H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LC823450 ONSEMI-LC823450_17 Datasheet
887Kb / 112P
   Low Power & High-Resolution Audio Processing System LSI
October, 2017 ??Rev. 7
ENA2171A ONSEMI-ENA2171A Datasheet
199Kb / 20P
   Audio Processing System LSI
January, 2014
LC823433TA ONSEMI-LC823433TA Datasheet
224Kb / 20P
   Audio Processing System LSI
May 2015 - Rev. 1
LC823455 ONSEMI-LC823455 Datasheet
1Mb / 109P
   Low Power & High-Resolution Audio Processing System SoC for Portable Sound Solution
March, 2021 ??Rev. 2
logo
List of Unclassifed Man...
XHRA-2HPA-TQ64-C ETC2-XHRA-2HPA-TQ64-C Datasheet
370Kb / 2P
   AFFORDABLE HI-RESOLUTION AUDIO PROCESSING
logo
ON Semiconductor
BELASIGNA250 ONSEMI-BELASIGNA250 Datasheet
501Kb / 30P
   High-Performance Programmable Audio Processing System
January, 2015 ??Rev. 10
B250W48A106XXG ONSEMI-B250W48A106XXG Datasheet
559Kb / 30P
   High-Performance Programmable Audio Processing System
July, 2012 ??Rev. 9
logo
Sanyo Semicon Device
LC72720N SANYO-LC72720N Datasheet
214Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
72722PM SANYO-72722PM_11 Datasheet
283Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
LC72722 SANYO-LC72722 Datasheet
114Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com