Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC823450XDTBG Datasheet(PDF) 9 Page - ON Semiconductor

No. de pieza LC823450XDTBG
Descripción Electrónicos  Low Power & High-Resolution Audio Processing System LSI
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450XDTBG Datasheet(HTML) 9 Page - ON Semiconductor

Back Button LC823450XDTBG Datasheet HTML 5Page - ON Semiconductor LC823450XDTBG Datasheet HTML 6Page - ON Semiconductor LC823450XDTBG Datasheet HTML 7Page - ON Semiconductor LC823450XDTBG Datasheet HTML 8Page - ON Semiconductor LC823450XDTBG Datasheet HTML 9Page - ON Semiconductor LC823450XDTBG Datasheet HTML 10Page - ON Semiconductor LC823450XDTBG Datasheet HTML 11Page - ON Semiconductor LC823450XDTBG Datasheet HTML 12Page - ON Semiconductor LC823450XDTBG Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
LC823450
www.onsemi.com
9
2
Terminal Functions
TA : Package Code=”TA”
XA : Package Code=”XA”
XB : Package Code=”XB”
XC : Package Code=”XC”
XD : Package Code=”XD”
(A) JTAG/SWD
Terminal name
Polarity
Direction
Function
IO
POWER
Available(
○)
Multiplexed function
TA
XA,
XC
XB,
XD
TDO
O
JTAG test data output
VddSD1
SDWP1
Pos
I
SD I/F Ch1 write protect
INS
Neg
I
Memory Stick INS
GPIO21
B
GPIO
EXTINT21
I
External Interrupt 2-bit1
TDI
I
JTAG test data input
VddSD1
SDCD1
Neg
I
SD I/F Ch1 detect
SWO
O
serial wire view data
GPIO20
B
GPIO
EXTINT20
I
External Interrupt 2-bit0
TMS
I
JTAG test data select
VddSD2
SDWP2
Pos
I
SD I/F Ch2 write protect
(*)
GPIO28
B
GPIO
EXTINT28
I
External Interrupt 2-bit8
TCK
Pos
I
JTAG test clock
VddSD2
SDCD2
Neg
I
SD I/F Ch2 detect
(*)
GPIO29
B
GPIO
EXTINT29
I
External Interrupt 2-bit9
SWDCLK
Pos
I
Serial wire clock
Vdd2
DMCKO1
O
Digital MicCh1Clock
Output
GPIO58
B
GPIO
EXTINT58
I
External Interrupt 5-bit8
SWDIO
B
Serial wire Data
Vdd2
DMDIN1
I
Digital MicCh1
Data
Input
GPIO59
B
GPIO
EXTINT59
I
External Interrupt 5-bit9
Sum
6
6
6
(*) This function is not available


Número de pieza similar - LC823450XDTBG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LC823450XDTBG ONSEMI-LC823450XDTBG Datasheet
887Kb / 112P
   Low Power & High-Resolution Audio Processing System LSI
October, 2017 ??Rev. 7
More results

Descripción similar - LC823450XDTBG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LC823450 ONSEMI-LC823450_17 Datasheet
887Kb / 112P
   Low Power & High-Resolution Audio Processing System LSI
October, 2017 ??Rev. 7
ENA2171A ONSEMI-ENA2171A Datasheet
199Kb / 20P
   Audio Processing System LSI
January, 2014
LC823433TA ONSEMI-LC823433TA Datasheet
224Kb / 20P
   Audio Processing System LSI
May 2015 - Rev. 1
LC823455 ONSEMI-LC823455 Datasheet
1Mb / 109P
   Low Power & High-Resolution Audio Processing System SoC for Portable Sound Solution
March, 2021 ??Rev. 2
logo
List of Unclassifed Man...
XHRA-2HPA-TQ64-C ETC2-XHRA-2HPA-TQ64-C Datasheet
370Kb / 2P
   AFFORDABLE HI-RESOLUTION AUDIO PROCESSING
logo
ON Semiconductor
BELASIGNA250 ONSEMI-BELASIGNA250 Datasheet
501Kb / 30P
   High-Performance Programmable Audio Processing System
January, 2015 ??Rev. 10
B250W48A106XXG ONSEMI-B250W48A106XXG Datasheet
559Kb / 30P
   High-Performance Programmable Audio Processing System
July, 2012 ??Rev. 9
logo
Sanyo Semicon Device
LC72720N SANYO-LC72720N Datasheet
214Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
72722PM SANYO-72722PM_11 Datasheet
283Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
LC72722 SANYO-LC72722 Datasheet
114Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com