Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP302D Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza TMP302D
Descripción Electrónicos  TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TMP302D Datasheet(HTML) 4 Page - Texas Instruments

  TMP302D Datasheet HTML 1Page - Texas Instruments TMP302D Datasheet HTML 2Page - Texas Instruments TMP302D Datasheet HTML 3Page - Texas Instruments TMP302D Datasheet HTML 4Page - Texas Instruments TMP302D Datasheet HTML 5Page - Texas Instruments TMP302D Datasheet HTML 6Page - Texas Instruments TMP302D Datasheet HTML 7Page - Texas Instruments TMP302D Datasheet HTML 8Page - Texas Instruments TMP302D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TMP302-Q1
SLOS889B – OCTOBER 2014 – REVISED JULY 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage
3.6
V
Input pin voltage
TRIPSET0, TRIPSET1, HYSTSET
–0.5
VS + 0.5
V
Output pin voltage
OUT
–0.5
3.6
V
Output pin current
OUT
10
mA
Operating temperature
–55
130
°C
Junction temperature
150
°C
Storage temperature
–60
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per AEC Q100-002(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per AEC Q100-011
±1000
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VS
Power supply voltage
1.4
3.3
3.6
V
Rpullup
Pullup resistor connected from OUT to VS
10
100
k
Ω
7.4 Thermal Information
TMP302-Q1
THERMAL METRIC(1)
DRL(SOT563)
UNIT
6 PINS
RθJA
Junction-to-ambient thermal resistance
200
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
73.7
°C/W
RθJB
Junction-to-board thermal resistance
34.4
°C/W
ψJT
Junction-to-top characterization parameter
3.1
°C/W
ψJB
Junction-to-board characterization parameter
34.2
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TMP302-Q1


Número de pieza similar - TMP302D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP302D TI-TMP302D Datasheet
415Kb / 11P
[Old version datasheet]   Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
TMP302DDRLR TI-TMP302DDRLR Datasheet
415Kb / 11P
[Old version datasheet]   Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
TMP302DDRLT TI-TMP302DDRLT Datasheet
415Kb / 11P
[Old version datasheet]   Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
More results

Descripción similar - TMP302D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP302 TI1-TMP302 Datasheet
836Kb / 21P
[Old version datasheet]   TMP302 Easy-to-Use, Low-Power, Low-Supply Temperature Switch in Micropackage
TMP302A TI-TMP302A Datasheet
415Kb / 11P
[Old version datasheet]   Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
TMP302A-Q1 TI1-TMP302A-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
TMP302C-Q1 TI1-TMP302C-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
TMP303 TI1-TMP303_17 Datasheet
1Mb / 22P
[Old version datasheet]   Easy-To-Use, Low-Power, Low-Supply Temperature Range Monitor In Micropackage
TMP303A TI1-TMP303A Datasheet
656Kb / 15P
[Old version datasheet]   Easy-to-Use, Low-Power, 1째C, Low-Supply TEMPERATURE RANGE MONITOR in MicroPackage
TMP303 TI1-TMP303_15 Datasheet
1Mb / 24P
[Old version datasheet]   TMP303 Easy-To-Use, Low-Power, 1째C, Low-Supply Temperature Range Monitor In Micropackage
TMP112-Q1 TI1-TMP112-Q1 Datasheet
946Kb / 33P
[Old version datasheet]   TMP112-Q1 Automotive Grade High-Accuracy, Low-Power, Digital Temperature Sensor in SOT563
TMP303 TI1-TMP303_16 Datasheet
1Mb / 24P
[Old version datasheet]   Temperature Range Monitor In Micropackage
logo
Richtek Technology Corp...
RT9480 RICHTEK-RT9480 Datasheet
177Kb / 16P
   Easy to Use Power Bank Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com