Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL6619TP1Q Datasheet(PDF) 10 Page - Mitel Networks Corporation

No. de pieza SL6619TP1Q
Descripción Electrónicos  Direct Conversion FSK Data Receiver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MITEL [Mitel Networks Corporation]
Página de inicio  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL6619TP1Q Datasheet(HTML) 10 Page - Mitel Networks Corporation

Back Button SL6619TP1Q Datasheet HTML 6Page - Mitel Networks Corporation SL6619TP1Q Datasheet HTML 7Page - Mitel Networks Corporation SL6619TP1Q Datasheet HTML 8Page - Mitel Networks Corporation SL6619TP1Q Datasheet HTML 9Page - Mitel Networks Corporation SL6619TP1Q Datasheet HTML 10Page - Mitel Networks Corporation SL6619TP1Q Datasheet HTML 11Page - Mitel Networks Corporation SL6619TP1Q Datasheet HTML 12Page - Mitel Networks Corporation SL6619TP1Q Datasheet HTML 13Page - Mitel Networks Corporation SL6619TP1Q Datasheet HTML 14Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
SL6619
3·5
4
4·5
5
5·5
512, 1200, 2400
512, 1200, 2400
512, 1200, 2400
512, 1200, 2400
512, 1200, 2400
750pF
560pF
510pF
470pF
430pF
2·0nF
1·5nF
1·3nF
1·2nF
1·1nF
15k
15k
15k
15k
15k
C22
C21
R11
Component (Fig. 4)
Peak deviation
(kHz)
Baud rate
(bps)
Table 2 AFC defining components
Fig. 4 AFC schematic
Fig.3 AGC schematic
+
+
R13
C34
VREF
R17
RDECAY
C18
CTC
VREF
CURRENT
SOURCE 1
VCC
VREF15mV
32
31
30
100k
VCC1
RF
INPUT
TO RF AMP
VOLTAGE
REFERENCE
VCC2
0
µA/5µA
5
µA/0µA
AFC
DETECTION
CIRCUIT
C15
CINT 1
C30
CINT 2
VCC2
CVREF
R15
320k
TO VCXO
VARACTOR
DIODE
18
19
24
25
VCC1
R11
C21
C22
SL6619
SL6619


Número de pieza similar - SL6619TP1Q

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zarlink Semiconductor I...
SL6619TP1Q ZARLINK-SL6619TP1Q Datasheet
618Kb / 21P
   Direct Conversion FSK Data Receiver
More results

Descripción similar - SL6619TP1Q

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zarlink Semiconductor I...
SL6610 ZARLINK-SL6610 Datasheet
487Kb / 20P
   Direct Conversion FSK Data Receiver
SL6619 ZARLINK-SL6619 Datasheet
618Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Mitel Networks Corporat...
SL6679 MITEL-SL6679 Datasheet
371Kb / 23P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6609A ZARLINK-SL6609A Datasheet
505Kb / 20P
   DIRECT CONVERSION FSK DATA RECEIVER
logo
Mitel Networks Corporat...
SL6609A MITEL-SL6609A Datasheet
321Kb / 18P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL66491-1 ZARLINK-SL66491-1 Datasheet
418Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
SL6649-1 ZARLINK-SL6649-1 Datasheet
424Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
logo
List of Unclassifed Man...
5504DCR ETC1-5504DCR Datasheet
145Kb / 11P
   Direct Conversion Receiver
logo
Zarlink Semiconductor I...
ZIF100 ZARLINK-ZIF100 Datasheet
241Kb / 4P
   Direct Conversion 4FSK Data Receiver Target Specification
logo
Infineon Technologies A...
TDA5211 INFINEON-TDA5211 Datasheet
1Mb / 52P
   ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com