Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP709 Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza TMP709
Descripción Electrónicos  Resistor-Programmable Temperature Switch in SOT Package
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TMP709 Datasheet(HTML) 3 Page - Texas Instruments

  TMP709_15 Datasheet HTML 1Page - Texas Instruments TMP709_15 Datasheet HTML 2Page - Texas Instruments TMP709_15 Datasheet HTML 3Page - Texas Instruments TMP709_15 Datasheet HTML 4Page - Texas Instruments TMP709_15 Datasheet HTML 5Page - Texas Instruments TMP709_15 Datasheet HTML 6Page - Texas Instruments TMP709_15 Datasheet HTML 7Page - Texas Instruments TMP709_15 Datasheet HTML 8Page - Texas Instruments TMP709_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TMP709
www.ti.com
SBOS583A
– DECEMBER 2011 – REVISED FEBRUARY 2012
ELECTRICAL CHARACTERISTICS
At TA = 0°C to +125°C and VCC = 2.7 V to 5.5 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
VCC
Supply voltage range
2.7
5.5
V
VCC = 5 V
40
55
µA
ICC
Supply current
VCC = 2.7 V
40
55
µA
TEMPERATURE
TE
Temperature error
TA = +60°C to +100°C
±0.5
±3
°C
TA
Operating temperature range
–40
+125
°C
DIGITAL INPUT (HYST)
VIH
High-level input voltage
0.7
× VCC
V
VIL
Low-level input voltage
0.3
× VCC
V
CIN
Input capacitance
10
pF
ANALOG INPUT (SET)
VIN
Input voltage range
0
VCC
V
Ilkg_in
Input leakage current
1
µA
DIGITAL OPEN-DRAIN OUTPUT (OT)
I(OT_SINK)
Output sink current
VOT = 0.3 V
5
12
mA
Ilkg(OT)
Output leakage current
VOT = VCC
1
µA
Copyright
© 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TMP709


Número de pieza similar - TMP709_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP709-Q1 TI1-TMP709-Q1 Datasheet
780Kb / 18P
[Old version datasheet]   Automotive, Resistor-Programmable Temperature Switch in SOT Package
TMP709AIDBVR TI1-TMP709AIDBVR Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP709AIDBVT TI1-TMP709AIDBVT Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP709AQDBVRQ1 TI1-TMP709AQDBVRQ1 Datasheet
780Kb / 18P
[Old version datasheet]   Automotive, Resistor-Programmable Temperature Switch in SOT Package
TMP709AQDBVTQ1 TI1-TMP709AQDBVTQ1 Datasheet
780Kb / 18P
[Old version datasheet]   Automotive, Resistor-Programmable Temperature Switch in SOT Package
More results

Descripción similar - TMP709_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP709 TI1-TMP709 Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP708 TI1-TMP708 Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP709-Q1 TI1-TMP709-Q1 Datasheet
780Kb / 18P
[Old version datasheet]   Automotive, Resistor-Programmable Temperature Switch in SOT Package
TMP708-Q1 TI1-TMP708-Q1 Datasheet
780Kb / 18P
[Old version datasheet]   Automotive, Resistor-Programmable Temperature Switch in SOT Package
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509_03 Datasheet
199Kb / 8P
   Resistor-Programmable SOT Temperature Switches
Rev 2; 11/03
MAX6509 MAXIM-MAX6509 Datasheet
141Kb / 8P
   Resistor-Programmable SOT Temperature Switches
Rev 0; 1/00
logo
Global Mixed-mode Techn...
G708 GMT-G708 Datasheet
76Kb / 1P
   Resistor-Programmable SOT Temperature Switches
G709 GMT-G709 Datasheet
40Kb / 1P
   Resistor-Programmable SOT Temperature Switches
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509_V01 Datasheet
1Mb / 9P
   Resistor-Programmable SOT Temperature Switches
2021
logo
Global Mixed-mode Techn...
G705 GMT-G705 Datasheet
84Kb / 1P
   Resistor-Programmable SOT Temperature Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com