Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2817-Q1 Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza TPS2817-Q1
Descripción Electrónicos  Single-Channel High-Speed MOSFET Drivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2817-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2817-Q1 Datasheet HTML 6Page - Texas Instruments TPS2817-Q1 Datasheet HTML 7Page - Texas Instruments TPS2817-Q1 Datasheet HTML 8Page - Texas Instruments TPS2817-Q1 Datasheet HTML 9Page - Texas Instruments TPS2817-Q1 Datasheet HTML 10Page - Texas Instruments TPS2817-Q1 Datasheet HTML 11Page - Texas Instruments TPS2817-Q1 Datasheet HTML 12Page - Texas Instruments TPS2817-Q1 Datasheet HTML 13Page - Texas Instruments TPS2817-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
PROPAGATION DELAY TIME,
HIGH-TO-LOW-LEVEL OUTPUT
vs
AMBIENT TEMPERATURE
15
14
12
10
17
19
20
VCC = 10 V
Load = 1000 pF
f = 100 kHz
18
16
13
11
T - Ambient Temperature - °C
A
-50
-25
0
25
50
75
100
125
16
15
14
13
17
18
19
VCC = 10 V
Load = 1000 pF
f = 100 kHz
PROPAGATION DELAY TIME,
LOW-TO-HIGH-LEVEL OUTPUT
vs
SUPPLY VOLTAGE
T - Ambient Temperature - °C
A
-50
-25
0
25
50
75
100
125
2
1.5
1
0
0
1000
3
3.5
SUPPLY CURRENT
vs
LOAD CAPACITANCE
4
2000
2.5
0.5
C - Load Capacitance - pF
L
VCC = 10 V
f = 100 kHz
Duty Cycle = 50%
V
- Supply Voltage - V
CC
Load = 1000 pF
Duty Cycle = 50%
f = 1 MHz
f = 500 kHz
f = 100 kHz
f = 40 kHz
8
6
2
0
4
6
8
1 0
12
14
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
16
12
14
4
10
TPS2816-Q1 , TPS2817-Q1, TPS2818-Q1
TPS2819-Q1, TPS2828-Q1, TPS2829-Q1
SPRS289B
– AUGUST 2005 – REVISED SEPTEMBER 2011
www.ti.com
Figure 10.
Figure 11.
Figure 12.
Figure 13.
10
Submit Documentation Feedback
Copyright
© 2005–2011, Texas Instruments Incorporated
Product Folder Link(s): TPS2816-Q1 TPS2817-Q1 TPS2818-Q1 TPS2819-Q1 TPS2828-Q1 TPS2829-Q1


Número de pieza similar - TPS2817-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2817-Q1 TI-TPS2817-Q1 Datasheet
394Kb / 21P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVERS
More results

Descripción similar - TPS2817-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2816-Q1 TI-TPS2816-Q1 Datasheet
394Kb / 21P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVERS
logo
Elantec Semiconductor
EL7104C ELANTEC-EL7104C Datasheet
195Kb / 8P
   High Speed, Single Channel, Power MOSFET Drivers
logo
Linear Technology
LTC1693-2IS8 LINER-LTC1693-2IS8 Datasheet
247Kb / 20P
   High Speed Single/Dual N-Channel MOSFET Drivers
LTC1693 LINER-LTC1693_15 Datasheet
269Kb / 20P
   High Speed Single/Dual N-Channel MOSFET Drivers
LTC1693 LINER-LTC1693 Datasheet
213Kb / 20P
   High Speed Single/Dual MOSFET Drivers
logo
Maxim Integrated Produc...
MAX4420 MAXIM-MAX4420 Datasheet
236Kb / 6P
   High-Speed, 6A Single MOSFET Drivers
Rev 0; 11/92
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
   High Speed MOSFET Drivers
logo
Elantec Semiconductor
EL7412C ELANTEC-EL7412C Datasheet
180Kb / 8P
   High Speed, Four Channel Power MOSFET Drivers
logo
Intersil Corporation
ISL89410 INTERSIL-ISL89410 Datasheet
227Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com