Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FW217A-TL-2W Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza FW217A-TL-2W
Descripción Electrónicos  N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FW217A-TL-2W Datasheet(HTML) 4 Page - ON Semiconductor

  FW217A-TL-2W Datasheet HTML 1Page - ON Semiconductor FW217A-TL-2W Datasheet HTML 2Page - ON Semiconductor FW217A-TL-2W Datasheet HTML 3Page - ON Semiconductor FW217A-TL-2W Datasheet HTML 4Page - ON Semiconductor FW217A-TL-2W Datasheet HTML 5Page - ON Semiconductor FW217A-TL-2W Datasheet HTML 6Page - ON Semiconductor FW217A-TL-2W Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FW217A
No.8994-4/7
Total Gate Charge, Qg -- nC
VGS -- Qg
A S O
Drain-to-Source Voltage, VDS -- V
IT16786
0
0
1
2
3
4
5
6
7
10
8
10
8
9
46
2
IT16787
VDS=10V
ID=4.5A
0.01
0.1
1.0
10
23 5 7
23 5 7
23 5 7
23 5
100
7
0.01
0.1
1.0
10
100
7
5
7
5
3
2
7
5
3
2
7
5
3
2
3
2
ID=6A
100ms
1ms
10ms
100
μs
Operation in this
area is limited by RDS(on).
DC
operation
IDP=24A(PW≤10μs)
10s
Ta=25
°C
Single pulse
1unit
When mounted on ceramic substrate (2000mm2
×0.8mm)
IT16790
IT16789
0
25
50
75
100
125
150
175
0
0.6
0.2
0.4
0.8
1.0
1.4
1.2
2.2
2.0
1.6
1.8
2.4
0
0
0.4
0.8
0.2
0.6
0.4
1.2
1.0
1.2
1.0
0.8
0.2
0.6
1.4
1.8
1.6
1.4
1.8
1.6
2.4
2.2
2.0
2.4
2.2
2.0
Ambient Temperature, Ta --
°C
PD -- Ta
1unit
When mounted on ceramic substrate
(2000mm2
×0.8mm), PW≤10s
Allowable Power Dissipation(FET2), PD -- W
PD (FET1) -- PD (FET2)
When mounted on ceramic substrate
(2000mm2
×0.8mm), PW≤10s
Taping Specification
FW217A-TL-2W


Número de pieza similar - FW217A-TL-2W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
FW217A SANYO-FW217A Datasheet
347Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results

Descripción similar - FW217A-TL-2W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com