Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLC7628C Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza TLC7628C
Descripción Electrónicos  DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TLC7628C Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC7628C_15 Datasheet HTML 4Page - Texas Instruments TLC7628C_15 Datasheet HTML 5Page - Texas Instruments TLC7628C_15 Datasheet HTML 6Page - Texas Instruments TLC7628C_15 Datasheet HTML 7Page - Texas Instruments TLC7628C_15 Datasheet HTML 8Page - Texas Instruments TLC7628C_15 Datasheet HTML 9Page - Texas Instruments TLC7628C_15 Datasheet HTML 10Page - Texas Instruments TLC7628C_15 Datasheet HTML 11Page - Texas Instruments TLC7628C_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
TLC7628C
DUAL 8BIT MULTIPLYING
SLAS063B − APRIL 1989 − REVISED MARCH 2007
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
This device contains two, identical, 8-bit, multiplying DACs: DACA and DACB. Each DAC consists of an inverted
R-2R ladder, analog switches, and input data latches. Binary-weighted currents are switched between the DAC
output and AGND, thus maintaining a constant current in each ladder leg independent of the switch state. Most
applications require only the addition of an external operational amplifier and voltage reference. A simplified D/A
circuit for DACA or DACB with all digital inputs low is shown in Figure 7.
Figure 8 shows the DACA or DACB equivalent circuit. Both DACs share the analog ground terminal 1 (AGND).
With all digital inputs high, the reference current flows to OUTA. A small leakage current (IIkg) flows across
internal junctions, and as with most semiconductor devices, doubles every 10
°C. The Co is caused by the
parallel combination of the NMOS switches and has a value that depends on the number of switches connected
to the output. The range of Co is 25 pF to 60 pF maximum. The equivalent output resistance (ro) varies with the
input code from 0.8R to 3R where R is the nominal value of the ladder resistor in the R-2R network.
The TLC7628C interfaces to a microprocessor through the data bus, CS, WR, and DACA/DACB control signals.
When CS and WR are both low, the analog output on this device, specified by the DACA/DACB control line,
responds to the activity on the DB0−DB7 data bus inputs. In this mode, the input latches are transparent and
input data directly affects the analog output. When either the CS signal or WR signal goes high, the data on the
DB0−DB7 inputs are latched until the CS and WR signals go low again. When CS is high, the data inputs are
disabled, regardless of the state of the WR signal.
The digital inputs of the TLC7628C provides TTL compatibility when operated from a supply voltage of 10.8 V
to 15.75 V.
DACA Data Latches and Drivers
REF
AGND
OUT
RFB
R
R
R
R
2R
2R
S8
2R
S3
2R
S2
S1
2R
Figure 7. Simplified Functional Circuit for DACA or DACB
R
REF
OUTA
RFB
R
COUT
1/256
Latch A or Latch B Loaded With 11111111
Ilkg
AGND
Figure 8. TLC7628 Equivalent Circuit for DACA or DACB


Número de pieza similar - TLC7628C_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC7628C TI1-TLC7628C_16 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
More results

Descripción similar - TLC7628C_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC7628C TI1-TLC7628C_16 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
logo
Hitachi Semiconductor
HA17008RP HITACHI-HA17008RP Datasheet
61Kb / 11P
   8-Bit Multiplying Digital to Analog Converter
HA17408P HITACHI-HA17408P Datasheet
22Kb / 4P
   8-Bit Multiplying Digital-to-Analog Converter
logo
Exar Corporation
MP7528 EXAR-MP7528 Datasheet
142Kb / 16P
   CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7528 BURR-BROWN-DAC7528 Datasheet
76Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
TLC7528C TI-TLC7528C Datasheet
247Kb / 17P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7628C TI-TLC7628C Datasheet
156Kb / 10P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7528C TI-TLC7528C_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
logo
Exar Corporation
MP7524A EXAR-MP7524A Datasheet
670Kb / 10P
   CMOS BUFERED MULTIPLYING 8 BIT DIGITAL TO ANALOG CONVERTER
logo
NTE Electronics
NTE2056 NTE-NTE2056 Datasheet
23Kb / 3P
   Integrated Circuit 8-Bit Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com