Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP006 Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza TMP006
Descripción Electrónicos  TMP006/B Infrared Thermopile Sensor in Chip-Scale Package
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TMP006 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMP006_15 Datasheet HTML 6Page - Texas Instruments TMP006_15 Datasheet HTML 7Page - Texas Instruments TMP006_15 Datasheet HTML 8Page - Texas Instruments TMP006_15 Datasheet HTML 9Page - Texas Instruments TMP006_15 Datasheet HTML 10Page - Texas Instruments TMP006_15 Datasheet HTML 11Page - Texas Instruments TMP006_15 Datasheet HTML 12Page - Texas Instruments TMP006_15 Datasheet HTML 13Page - Texas Instruments TMP006_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Sensor
1.6 mm
0.33 mm
0.33 mm
0.165 mm
0.165 mm
1.6 mm
TMP006
Object
D
-
d
Sensor
TMP006, TMP006B
SBOS518E – MAY 2011 – REVISED APRIL 2015
www.ti.com
Feature Description (continued)
8.3.2 Field of View and Angular Response
The TMP006 and TMP006B sense all radiation within a defined field of view (FOV). The FOV (or full-angle of
θ)
is defined as 2
Φ. These devices contain no optical elements, and thus sense all radiation within the hemisphere
to the front of the device. Figure 3 shows the angular dependence of the sensor response and the relative power
for a circular object that subtends a half angle of phi (
Φ). Figure 7 defines the angle Φ in terms of object diameter
and distance. Figure 7 assumes that the object is well approximated as a plane that is perpendicular to the
sensor axis.
Figure 7. FOV Geometry Definition
In this case, the maximum contribution is from the portion of the object directly in front of the TMP006 or
TMP006B (
Φ = 0); with the sensitivity per solid angle, dR/dΦ decreases as Φ increases. Approximately 50% of
the energy sensed by the TMP006 and TMP006B is within a FOV (
θ) = 90°.
This discussion is for illustrative purposes only; in practice the angular response (dR/d
Φ) of the TMP006 and
TMP006B to the object is affected by the object orientation, the number of objects, and the precise placement
relative to the TMP006 or TMP006B. Figure 8 shows the thermopile sensor dimensions.
NOTE: Thermopile sensor is centered in the device.
Figure 8. Thermopile Sensor Dimensions
10
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TMP006 TMP006B


Número de pieza similar - TMP006_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP006_1107 TI-TMP006_1107 Datasheet
466Kb / 21P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006 TI1-TMP006_17 Datasheet
1Mb / 38P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
More results

Descripción similar - TMP006_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP006 TI1-TMP006 Datasheet
262Kb / 17P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
MAY2011
TMP006 TI1-TMP006_17 Datasheet
1Mb / 38P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006BIYZFR TI1-TMP006BIYZFR Datasheet
789Kb / 21P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006_1107 TI-TMP006_1107 Datasheet
466Kb / 21P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
logo
List of Unclassifed Man...
TP337 ETC1-TP337 Datasheet
214Kb / 9P
   Thermopile Infrared Sensor
OTC-236 ETC2-OTC-236 Datasheet
212Kb / 7P
   THERMOPILE INFRARED SENSOR
TS-1AMB ETC-TS-1AMB Datasheet
144Kb / 6P
   THERMOPILE INFRARED SENSOR
TP297A ETC2-TP297A Datasheet
239Kb / 8P
   THERMOPILE INFRARED SENSOR
OTC-238 ETC2-OTC-238 Datasheet
155Kb / 6P
   THERMOPILE INFRARED SENSOR
OTC-239 ETC2-OTC-239 Datasheet
186Kb / 7P
   THERMOPILE INFRARED SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com