Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP75B Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TMP75B
Descripción Electrónicos  TMP75B 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TMP75B Datasheet(HTML) 4 Page - Texas Instruments

  TMP75B Datasheet HTML 1Page - Texas Instruments TMP75B Datasheet HTML 2Page - Texas Instruments TMP75B Datasheet HTML 3Page - Texas Instruments TMP75B Datasheet HTML 4Page - Texas Instruments TMP75B Datasheet HTML 5Page - Texas Instruments TMP75B Datasheet HTML 6Page - Texas Instruments TMP75B Datasheet HTML 7Page - Texas Instruments TMP75B Datasheet HTML 8Page - Texas Instruments TMP75B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
TMP75B
SBOS706B – APRIL 2014 – REVISED AUGUST 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage, VS
4
V
SDA, SCL, ALERT, A2, A1
-0.3
4
V
Input voltage
A0
-0.3
(VS) + 0.3
V
Sink current
SDA, ALERT
10
mA
Operating junction temperature
-55
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
-60
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
–2000
2000
Electrostatic
V(ESD)
V
discharge
Charged device model (CDM), per JEDEC specification JESD22-C101, all pins(2)
–1000
1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage
1.4
1.8
3.6
V
Operating free-air temperature, TA
-55
125
°C
6.4 Thermal Information
TMP75B
THERMAL METRIC(1)
D (SOIC)
DGK (VSSOP)
UNIT
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
125.4
188.1
RθJC(top)
Junction-to-case (top) thermal resistance
71.5
79.1
RθJB
Junction-to-board thermal resistance
65.8
109.6
°C/W
ψJT
Junction-to-top characterization parameter
21.1
15.3
ψJB
Junction-to-board characterization parameter
65.3
108
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TMP75B


Número de pieza similar - TMP75B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP75B-Q1 TI-TMP75B-Q1 Datasheet
959Kb / 31P
[Old version datasheet]   TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75BQDGKRQ1 TI-TMP75BQDGKRQ1 Datasheet
959Kb / 31P
[Old version datasheet]   TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75BQDGKTQ1 TI-TMP75BQDGKTQ1 Datasheet
959Kb / 31P
[Old version datasheet]   TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75BQDQ1 TI-TMP75BQDQ1 Datasheet
959Kb / 31P
[Old version datasheet]   TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75BQDRQ1 TI-TMP75BQDRQ1 Datasheet
959Kb / 31P
[Old version datasheet]   TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
More results

Descripción similar - TMP75B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP75B-Q1 TI-TMP75B-Q1 Datasheet
959Kb / 31P
[Old version datasheet]   TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75C TI-TMP75C Datasheet
980Kb / 31P
[Old version datasheet]   TMP75C 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75C-Q1 TI1-TMP75C-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TMP75C-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP175 TI-TMP175 Datasheet
295Kb / 13P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI1-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
Burr-Brown (TI)
TMP106 BURR-BROWN-TMP106 Datasheet
265Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com