Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP75BID Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TMP75BID
Descripción Electrónicos  TMP75B 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TMP75BID Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP75BID Datasheet HTML 7Page - Texas Instruments TMP75BID Datasheet HTML 8Page - Texas Instruments TMP75BID Datasheet HTML 9Page - Texas Instruments TMP75BID Datasheet HTML 10Page - Texas Instruments TMP75BID Datasheet HTML 11Page - Texas Instruments TMP75BID Datasheet HTML 12Page - Texas Instruments TMP75BID Datasheet HTML 13Page - Texas Instruments TMP75BID Datasheet HTML 14Page - Texas Instruments TMP75BID Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
TMP75B
www.ti.com
SBOS706B – APRIL 2014 – REVISED AUGUST 2014
7.3.3.4 Slave-Mode Operations
The TMP75B can operate as a slave receiver or slave transmitter.
7.3.3.4.1
Slave Receiver Mode:
The first byte transmitted by the master is the slave address, with the R/W bit low. The TMP75B then
acknowledges reception of a valid address. The next byte transmitted by the master is the pointer register. The
TMP75B then acknowledges reception of the pointer register byte. The next byte or bytes are written to the
register addressed by the pointer register. The TMP75B acknowledges reception of each data byte. The master
can terminate data transfer by generating a start or stop condition.
7.3.3.4.2
Slave Transmitter Mode:
The first byte transmitted by the master is the slave address, with the R/W bit high. The slave acknowledges
reception of a valid slave address. The next byte is transmitted by the slave and is the most significant byte of
the register indicated by the pointer register. The master acknowledges reception of the data byte. The next byte
transmitted by the slave is the least significant byte. The master acknowledges reception of the data byte. The
master can terminate data transfer by generating a not-acknowledge bit on reception of any data byte, or by
generating a start or stop condition.
7.3.3.5 SMBus Alert Function
The TMP75B supports the SMBus alert function. When the TMP75B operates in interrupt mode (TM = 1), the
ALERT pin may be connected as an SMBus alert signal. When a master senses that an alert condition is present
on the ALERT line, the master sends an SMBus alert command (00011001) to the bus. If the ALERT pin is
active, the device acknowledges the SMBus alert command and responds by returning its slave address on the
SDA line. The eighth bit (LSB) of the slave address byte indicates whether the alert condition is caused by the
temperature exceeding THIGH or falling below TLOW. The LSB is high if the temperature is greater than THIGH, or
low if the temperature is less than TLOW. See Figure 11 for details of this sequence.
If multiple devices on the bus respond to the SMBus alert command, arbitration during the slave address portion
of the SMBus alert command determines which device clears its alert status first. If the TMP75B wins the
arbitration, its ALERT pin becomes inactive at the completion of the SMBus alert command. If the TMP75B loses
the arbitration, its ALERT pin remains active.
7.3.3.6 General Call
The TMP75B responds to a two-wire general call address (0000000) if the eighth bit is 0. The device
acknowledges the general call address and responds to commands in the second byte. If the second byte is
00000100, the TMP75B latches the status of the address pin, but does not reset. If the second byte is 00000110,
the TMP75B internal registers are reset to power-up values.
7.3.3.7 High-Speed (Hs) Mode
In order for the two-wire bus to operate at frequencies above 400 kHz, the master device must issue an SMBus
Hs-mode master code (00001xxx) as the first byte after a start condition to switch the bus to high-speed
operation. The TMP75B does not acknowledge this byte, but does switch its input filters on SDA and SCL and its
output filters on SDA to operate in Hs-mode, allowing transfers at up to 3 MHz. After the Hs-mode master code
has been issued, the master transmits a two-wire slave address to initiate a data-transfer operation. The bus
continues to operate in Hs-mode until a stop condition occurs on the bus. Upon receiving the stop condition, the
TMP75B switches the input and output filters back to fast-mode operation.
7.3.3.8 Timeout Function
The TMP75B resets the serial interface if SCL or SDA are held low for 54 ms (typ) between a start and stop
condition. If the TMP75B is pulled low, it releases the bus and then waits for a start condition. To avoid activating
the timeout function, it is necessary to maintain a communication speed of at least 1 kHz for the SCL operating
frequency.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TMP75B


Número de pieza similar - TMP75BID

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP75B-Q1 TI-TMP75B-Q1 Datasheet
959Kb / 31P
[Old version datasheet]   TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75BQDGKRQ1 TI-TMP75BQDGKRQ1 Datasheet
959Kb / 31P
[Old version datasheet]   TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75BQDGKTQ1 TI-TMP75BQDGKTQ1 Datasheet
959Kb / 31P
[Old version datasheet]   TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75BQDQ1 TI-TMP75BQDQ1 Datasheet
959Kb / 31P
[Old version datasheet]   TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75BQDRQ1 TI-TMP75BQDRQ1 Datasheet
959Kb / 31P
[Old version datasheet]   TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
More results

Descripción similar - TMP75BID

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP75B-Q1 TI-TMP75B-Q1 Datasheet
959Kb / 31P
[Old version datasheet]   TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75C TI-TMP75C Datasheet
980Kb / 31P
[Old version datasheet]   TMP75C 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75C-Q1 TI1-TMP75C-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TMP75C-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP175 TI-TMP175 Datasheet
295Kb / 13P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI1-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
Burr-Brown (TI)
TMP106 BURR-BROWN-TMP106 Datasheet
265Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com