Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK672-401C-E Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza STK672-401C-E
Descripción Electrónicos  2-phase Stepping Motor Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK672-401C-E Datasheet(HTML) 6 Page - ON Semiconductor

Back Button STK672-401C-E Datasheet HTML 2Page - ON Semiconductor STK672-401C-E Datasheet HTML 3Page - ON Semiconductor STK672-401C-E Datasheet HTML 4Page - ON Semiconductor STK672-401C-E Datasheet HTML 5Page - ON Semiconductor STK672-401C-E Datasheet HTML 6Page - ON Semiconductor STK672-401C-E Datasheet HTML 7Page - ON Semiconductor STK672-401C-E Datasheet HTML 8Page - ON Semiconductor STK672-401C-E Datasheet HTML 9Page - ON Semiconductor STK672-401C-E Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
STK672-401C-E
No.A2137-6/19
[Setting the motor current]
The motor current is set by the hybrid IC's pin 19V, Vref. The formula shows below gives the relationship between IOH
and Vref.
Vref = VDD-(IOH × Rs × K) ···························································································································· (1)
K: 9.33 (voltage divider ratio)
Rs: 0.152
Ω (hybrid IC internal current detection resistance: precision = ±3%)
Model of the Motor Phase Current Flowing into the Hybrid IC
Function Table
M2
0
0
1
1
M1
M3
0
1
0
1
Phase switching clock
edge timing
1
2 phase
excitation
1-2 phase
excitation
W1-2 phase
excitation
2W1-2 phase
excitation
CLK rising edge
0
1-2 phase
excitation
W1-2 phase
excitation
2W1-2 phase
excitation
4W1-2 phase
excitation
Both CLK edges
CWB pin
ENABLE and RESET pins
Forward
Reverse
ENABLE
Motor current cut: Low
CWB
0
1
RESET
Active Low
0A
IOH
IOL
Ioave


Número de pieza similar - STK672-401C-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
STK672-401C-E SANYO-STK672-401C-E Datasheet
136Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results

Descripción similar - STK672-401C-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-523-E ONSEMI-STK672-523-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK682-010-E ONSEMI-STK682-010-E Datasheet
539Kb / 20P
   2-phase Stepping Motor Driver
December, 2013
STK672-120-SL-E ONSEMI-STK672-120-SL-E Datasheet
174Kb / 11P
   2-phase Stepping Motor Driver
June, 2013
STK672-410C-E ONSEMI-STK672-410C-E Datasheet
134Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-533-E ONSEMI-STK672-533-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK672-612B-E ONSEMI-STK672-612B-E Datasheet
244Kb / 26P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com