Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK672-410C-E Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza STK672-410C-E
Descripción Electrónicos  2-phase Stepping Motor Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK672-410C-E Datasheet(HTML) 4 Page - ON Semiconductor

  STK672-410C-E Datasheet HTML 1Page - ON Semiconductor STK672-410C-E Datasheet HTML 2Page - ON Semiconductor STK672-410C-E Datasheet HTML 3Page - ON Semiconductor STK672-410C-E Datasheet HTML 4Page - ON Semiconductor STK672-410C-E Datasheet HTML 5Page - ON Semiconductor STK672-410C-E Datasheet HTML 6Page - ON Semiconductor STK672-410C-E Datasheet HTML 7Page - ON Semiconductor STK672-410C-E Datasheet HTML 8Page - ON Semiconductor STK672-410C-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
STK672-410C-E
No.A2138-4/19
Block Diagram
Sample Application Circuit
10
Stepping motor
VDD=5V
CLK
ENABLE
RO1
RO2
CO2=10
μF
VCC1=24V∼
CO1=100
μF
P.GND
STK672-410C-E
S.GND
CWB
Vref
0.01
μF
1k
Ω
CO3
D1
RO3
Simplified power-on reset circuit
(this circuit cannot be used to
detect drops in the power-supply
voltage)
11
17
12
15
13
14
19
1
3
5
4
2
6
16
18
9
Excitation mode
control
Rising edge /
falling edge
detection
Voltage
division ratio
Phase
advance
counter
Reference clock
generator
PWM control
RC
oscillator
Poewr on reset
Current distribution
ratio switching
9
MODE1
MODE2
10
11
CLK 12
CWB
17
ENABLE
S.G 18
VSS 16
SUB
VDD
15
Pseudo sin
wave generator
13
MODE3
14
RESET
Phase excitation
drive signal
generator
7
8
19
Vref
NC
NC
+
-
+
-
A
AB
B
BB
45
3
1
P.G2
P.G1
2
6


Número de pieza similar - STK672-410C-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
STK672-410C-E SANYO-STK672-410C-E Datasheet
137Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results

Descripción similar - STK672-410C-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-523-E ONSEMI-STK672-523-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK682-010-E ONSEMI-STK682-010-E Datasheet
539Kb / 20P
   2-phase Stepping Motor Driver
December, 2013
STK672-120-SL-E ONSEMI-STK672-120-SL-E Datasheet
174Kb / 11P
   2-phase Stepping Motor Driver
June, 2013
STK672-533-E ONSEMI-STK672-533-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK672-612B-E ONSEMI-STK672-612B-E Datasheet
244Kb / 26P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com