Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSOD120-1100SH Datasheet(PDF) 3 Page - Cystech Electonics Corp.

No. de pieza CSOD120-1100SH
Descripción Electrónicos  1.0Amp. Surface Mount Schottky Barrier Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYSTEKEC [Cystech Electonics Corp.]
Página de inicio  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CSOD120-1100SH Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  CSOD120-1100SH Datasheet HTML 1Page - Cystech Electonics Corp. CSOD120-1100SH Datasheet HTML 2Page - Cystech Electonics Corp. CSOD120-1100SH Datasheet HTML 3Page - Cystech Electonics Corp. CSOD120-1100SH Datasheet HTML 4Page - Cystech Electonics Corp. CSOD120-1100SH Datasheet HTML 5Page - Cystech Electonics Corp. CSOD120-1100SH Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C338SH
Issued Date : 2009.04.03
Revised Date :2015.06.18
Page No. : 3/6
CSOD120-1100SH
CYStek Product Specification
Typical Characteristics
Fig. 1 Forward Current Derating Curve
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
175
200
Case Temperature---TC(℃)
resistive or inductive load
0.375"(9.5mm) lead length
F i g . 2 M a x i m u m N o n - re p e t i t i v e P e a k
F o rw a rd S u rge C u rr e n t
0
5
10
15
20
25
30
1
10
100
N u m b e r o f c y c l e s a t 6 0 H z
Fig 3. Forward Characteristics
10
100
1000
10000
100000
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Forward Voltage---VF(V)
Pulse width=300μs,
1% Duty cycle
Fig. 4 Typical Reverse Characteristics
0.1
1
10
100
1000
10000
0
10
20
30
40
50
60
Reverse Voltage---VR(V)
Tj=75℃
Tj=25℃
Tj=125℃
Fig. 5 Typical Junction Capacitance
10
100
1000
0.1
1
10
100
Reverse Voltage---VR(V)
Tj=25℃, f=1.0MHz
Vsig=50mVp-p
Fig. 6 Typical Transient Thermal
Impedance
0.1
1
10
100
0.01
0.1
1
10
100
Pulse Duration---t(s)


Número de pieza similar - CSOD120-1100SH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cystech Electonics Corp...
CSOD120-1100SF CYSTEKEC-CSOD120-1100SF Datasheet
141Kb / 3P
   1.0Amp. Surface Mount Schottky Barrier Diodes
More results

Descripción similar - CSOD120-1100SH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cystech Electonics Corp...
CSMASS1XAS CYSTEKEC-CSMASS1XAS Datasheet
145Kb / 3P
   1.0Amp. Surface Mount Schottky Barrier Diodes
SK1XSB CYSTEKEC-SK1XSB Datasheet
199Kb / 5P
   1.0Amp. Surface Mount Schottky Barrier Diodes
SK16SA CYSTEKEC-SK16SA Datasheet
359Kb / 6P
   1.0Amp. Surface Mount Schottky Barrier Diodes
SK12SA CYSTEKEC-SK12SA Datasheet
359Kb / 6P
   1.0Amp. Surface Mount Schottky Barrier Diodes
SK1XSA CYSTEKEC-SK1XSA Datasheet
87Kb / 3P
   1.0Amp. Surface Mount Schottky Barrier Diodes
CSOD120LSH CYSTEKEC-CSOD120LSH Datasheet
235Kb / 5P
   1.0Amp. Surface Mount Schottky Barrier Diodes
CSOD1100SH CYSTEKEC-CSOD1100SH Datasheet
223Kb / 4P
   1.0Amp. Surface Mount Schottky Barrier Diodes
CSOD5819S2 CYSTEKEC-CSOD5819S2 Datasheet
258Kb / 6P
   1.0Amp. Surface Mount Schottky Barrier Diodes
SK1BSA CYSTEKEC-SK1BSA Datasheet
235Kb / 6P
   1.0Amp. Surface Mount Schottky Barrier Diodes
CSOD140SH CYSTEKEC-CSOD140SH Datasheet
196Kb / 6P
   1.0Amp. Surface Mount Schottky Barrier Diodes
CSOD5817S2 CYSTEKEC-CSOD5817S2 Datasheet
258Kb / 6P
   1.0Amp. Surface Mount Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com