Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM29F016D-90F4E Datasheet(PDF) 5 Page - Advanced Micro Devices

No. de pieza AM29F016D-90F4E
Descripción Electrónicos  16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F016D-90F4E Datasheet(HTML) 5 Page - Advanced Micro Devices

  AM29F016D-90F4E Datasheet HTML 1Page - Advanced Micro Devices AM29F016D-90F4E Datasheet HTML 2Page - Advanced Micro Devices AM29F016D-90F4E Datasheet HTML 3Page - Advanced Micro Devices AM29F016D-90F4E Datasheet HTML 4Page - Advanced Micro Devices AM29F016D-90F4E Datasheet HTML 5Page - Advanced Micro Devices AM29F016D-90F4E Datasheet HTML 6Page - Advanced Micro Devices AM29F016D-90F4E Datasheet HTML 7Page - Advanced Micro Devices AM29F016D-90F4E Datasheet HTML 8Page - Advanced Micro Devices AM29F016D-90F4E Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
4
Am29F016D
PRODUCT SELECTOR GUIDE
Note: See the AC Characteristics section for more information.
BLOCK DIAGRAM
Family Part Number
Am29F016D
Speed Options (VCC = 5.0 V ± 10%)
-70
-90
-120
-150
Max Access Time (ns)
70
90
120
150
CE# Access (ns)
70
90
120
150
OE# Access (ns)
40
40
50
75
Input/Output
Buffers
X-Decoder
Y-Decoder
Chip Enable
Output Enable
Logic
Erase Voltage
Generator
PGM Voltage
Generator
Timer
VCC Detector
State
Control
Command
Register
VCC
VSS
WE#
CE#
OE#
STB
STB
DQ0
DQ7
Sector Switches
RY/BY#
RESET#
Data
Latch
Y-Gating
Cell Matrix
A0–A20


Número de pieza similar - AM29F016D-90F4E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SPANSION
AM29F016D-90 SPANSION-AM29F016D-90 Datasheet
1Mb / 44P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Advanced Micro Devices
AM29F016D-90E4C AMD-AM29F016D-90E4C Datasheet
1Mb / 43P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F016D-90E4D AMD-AM29F016D-90E4D Datasheet
1Mb / 43P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F016D-90E4F AMD-AM29F016D-90E4F Datasheet
1Mb / 43P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F016D-90E4I AMD-AM29F016D-90E4I Datasheet
1Mb / 43P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results

Descripción similar - AM29F016D-90F4E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Micro Devices
AM29F017B AMD-AM29F017B Datasheet
443Kb / 35P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F017D AMD-AM29F017D Datasheet
797Kb / 41P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F016B AMD-AM29F016B Datasheet
477Kb / 38P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
SPANSION
AM29F017D SPANSION-AM29F017D Datasheet
1,021Kb / 44P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F016D SPANSION-AM29F016D_09 Datasheet
1Mb / 44P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Advanced Micro Devices
AM29F016D AMD-AM29F016D_06 Datasheet
1Mb / 43P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F080B AMD-AM29F080B Datasheet
451Kb / 37P
   8 Megabit (1 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F080B AMD-AM29F080B_06 Datasheet
770Kb / 39P
   8 Megabit (1 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29LV017B AMD-AM29LV017B Datasheet
510Kb / 39P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV017D AMD-AM29LV017D_05 Datasheet
948Kb / 48P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com