Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC145156DW2 Datasheet(PDF) 9 Page - Motorola, Inc

No. de pieza MC145156DW2
Descripción Electrónicos  Parallel-Input PLL Frequency Synthesizer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145156DW2 Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MC145156DW2 Datasheet HTML 5Page - Motorola, Inc MC145156DW2 Datasheet HTML 6Page - Motorola, Inc MC145156DW2 Datasheet HTML 7Page - Motorola, Inc MC145156DW2 Datasheet HTML 8Page - Motorola, Inc MC145156DW2 Datasheet HTML 9Page - Motorola, Inc MC145156DW2 Datasheet HTML 10Page - Motorola, Inc MC145156DW2 Datasheet HTML 11Page - Motorola, Inc MC145156DW2 Datasheet HTML 12Page - Motorola, Inc MC145156DW2 Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
MC145151–2 through MC145158–2
MOTOROLA
9
Serial-Input PLL Frequency
Synthesizer
Interfaces with Single–Modulus Prescalers
The MC145155–2 is programmed by a clocked, serial input, 16–bit data
stream. The device features consist of a reference oscillator, selectable–refer-
ence divider, digital–phase detector, 14–bit programmable divide–by–N
counter, and the necessary shift register and latch circuitry for accepting serial
input data.
The MC145155–2 is an improved–performance drop–in replacement for the
MC145155–1. Power consumption has decreased and ESD and latch–up
performance have improved.
• Operating Temperature Range: – 40 to 85°C
• Low Power Consumption Through Use of CMOS Technology
• 3.0 to 9.0 V Supply Range
• On– or Off–Chip Reference Oscillator Operation with Buffered Output
• Compatible with the Serial Peripheral Interface (SPI) on CMOS MCUs
• Lock Detect Signal
• Two Open–Drain Switch Outputs
• 8 User–Selectable ÷ R Values: 16, 512, 1024, 2048, 3668, 4096, 6144,
8192
• Single Modulus/Serial Programming
• ÷ N Range = 3 to 16383
• “Linearized” Digital Phase Detector Enhances Transfer Function Linearity
• Two Error Signal Options: Single–Ended (Three–State) or Double–Ended
• Chip Complexity: 6504 FETs or 1626 Equivalent Gates
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MC145155-2
P SUFFIX
PLASTIC DIP
CASE 707
DW SUFFIX
SOG PACKAGE
CASE 751D
ORDERING INFORMATION
MC145155P2
Plastic DIP
MC145155DW2
SOG Package
PIN ASSIGNMENTS
VDD
φV
RA2
RA1
fin
LD
VSS
PDout
φR
REFout
OSCout
OSCin
RA0
CLK
DATA
ENB
SW1
SW2
14
15
16
17
18
10
11
12
13
5
4
3
2
1
9
8
7
6
PLASTIC DIP
PDout
φR
φV
RA2
RA1
fin
LD
NC
VSS
VDD
5
4
3
2
1
10
9
8
7
6
14
15
16
17
18
19
20
11
12
13
NC
REFout
OSCout
OSCin
RA0
CLK
DATA
ENB
SW1
SW2
SOG PACKAGE
NC = NO CONNECTION
1
18
20
1
© Motorola, Inc. 1995
REV 1
8/95


Número de pieza similar - MC145156DW2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
MC145156DW2 LANSDALE-MC145156DW2 Datasheet
536Kb / 35P
   PLL Frequency Synthesizer Family
More results

Descripción similar - MC145156DW2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
   Serial Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Fujitsu Component Limit...
MB1502 FUJITSU-MB1502 Datasheet
244Kb / 15P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Nippon Precision Circui...
PLL200 NPC-PLL200 Datasheet
629Kb / 7P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC12202 MOTOROLA-MC12202 Datasheet
165Kb / 12P
   Serial Input PLL Frequency Synthesizer
logo
Fujitsu Component Limit...
MB1507 FUJITSU-MB1507 Datasheet
117Kb / 14P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC145157-2 MOTOROLA-MC145157-2 Datasheet
81Kb / 3P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com