Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM26 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM26
Descripción Electrónicos  Accurate, Factory-Preset Thermostat
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM26 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM26 Datasheet HTML 2Page - Texas Instruments LM26 Datasheet HTML 3Page - Texas Instruments LM26 Datasheet HTML 4Page - Texas Instruments LM26 Datasheet HTML 5Page - Texas Instruments LM26 Datasheet HTML 6Page - Texas Instruments LM26 Datasheet HTML 7Page - Texas Instruments LM26 Datasheet HTML 8Page - Texas Instruments LM26 Datasheet HTML 9Page - Texas Instruments LM26 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
0
20
40
60
80
100
±60
±40
±20
0
20
40
60
80
100
120
140
Temperature (°C)
C001
LM26
SNIS115S – MAY 2001 – REVISED SEPTEMBER 2015
www.ti.com
Electrical Characteristics (continued)
The following specifications apply for V
+ = 2.7 V
DC to 5.5 VDC, and VTEMP load current = 0 µA unless otherwise specified. All
limits apply for TA = TJ = TMIN to TMAX unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
DIGITAL OUTPUT AND INPUT
IOUT(1)
Logical 1 Output Leakage Current (3)
TA = 25°C
V+ = +5.0 V
0.001
1
µA
IOUT = +1.2 mA and V
+ ≥ 2.7 V;
VOUT(0)
Logical 0 Output Voltage
0.4
V
IOUT = +3.2 mA and V
+ ≥ 4.5 V(4)
ISOURCE = 500 µA, V
+ ≥ 2.7 V
0.8 × V+
V
VOUT(1)
Logical 1 Push-Pull Output Voltage
ISOURCE = 800 µA, V
+≥ 4.5 V
V+
− 1.5
V
VIH
HYST Input Logical 1 Threshold Voltage
0.8 × V+
V
VIL
HYST Input Logical 0 Threshold Voltage
0.2 × V+
V
(3)
The 1-µA limit is based on a testing limitation and does not reflect the actual performance of the part. Expect to see a doubling of the
current for every 15°C increase in temperature. For example, the 1-nA typical current at 25°C would increase to 16 nA at 85°C.
(4)
Take care to include the effects of self heating when setting the maximum output load current. The power dissipation of the LM26 would
increase by 1.28 mW when IOUT = 3.2 mA and VOUT = 0.4 V. With a thermal resistance of 250°C/W, this power dissipation would cause
an increase in the die temperature of about 0.32°C due to self heating. Self heating is not included in the trip point accuracy
specification.
7.6 Typical Characteristics
Figure 1. Power Supply Current Temperature Dependence
6
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: LM26


Número de pieza similar - LM26

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM26 NSC-LM26 Datasheet
130Kb / 6P
   Adapter Interface Circuit
LM26 NSC-LM26 Datasheet
2Mb / 19P
   400mA Sub-miniature, Programmable, Step-Down DC-DC Converter for Ultra Low-Voltage Circuits
LM26 NSC-LM26 Datasheet
733Kb / 16P
   400mA Sub-Miniature Adjustable DC-DC Converter Optimized for RF Power Amplifiers
LM26 NSC-LM26 Datasheet
428Kb / 15P
   400mA Sub-miniature, High Efficiency, Synchronous PWM & PFM Programmable DC-DC Converter
LM26 NSC-LM26 Datasheet
844Kb / 15P
   500mA Sub-Miniature Step-Down DC-DC Converter
More results

Descripción similar - LM26

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM26 NSC-LM26 Datasheet
586Kb / 9P
   Accurate, Factory Preset Thermostat
LM26 NSC-LM26_07 Datasheet
283Kb / 10P
   SOT-23, 짹3째C Accurate, Factory Preset Thermostat
logo
Texas Instruments
LM27A TI1-LM27A_13 Datasheet
267Kb / 10P
[Old version datasheet]   Factory Preset Thermostat
LM26CIM5X-SHA TI1-LM26CIM5X-SHA Datasheet
292Kb / 12P
[Old version datasheet]   LM26 SOT-23, /-3C Accurate, Factory Preset Thermostat
LM26CIM5 TI-LM26CIM5 Datasheet
947Kb / 20P
[Old version datasheet]   LM26 SOT-23, 3C Accurate, Factory Preset Thermostat
logo
National Semiconductor ...
LM27 NSC-LM27_06 Datasheet
584Kb / 10P
   SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
logo
Texas Instruments
LM27 TI-LM27_15 Datasheet
981Kb / 17P
[Old version datasheet]   LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
LM27 TI1-LM27_16 Datasheet
1,015Kb / 17P
[Old version datasheet]   LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
logo
National Semiconductor ...
LM26NV NSC-LM26NV Datasheet
268Kb / 12P
   SOT-23, 짹3째C Accurate, Factory Preset Thermostat (LM26 without VTEMP output)
LM27A NSC-LM27A Datasheet
237Kb / 10P
   짹3째C Accurate, 120째C-150째C Factory Preset Thermostat (LM27 in Die Form)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com