Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM6451BV Datasheet(PDF) 9 Page - Nippon Precision Circuits Inc

No. de pieza SM6451BV
Descripción Electrónicos  Audio Variable Volume IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NPC [Nippon Precision Circuits Inc]
Página de inicio  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6451BV Datasheet(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button SM6451BV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6451BV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6451BV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6451BV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6451BV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6451BV Datasheet HTML 9Page - Nippon Precision Circuits Inc SM6451BV Datasheet HTML 10Page - Nippon Precision Circuits Inc SM6451BV Datasheet HTML 11Page - Nippon Precision Circuits Inc SM6451BV Datasheet HTML 12Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SM6451BV
NIPPON PRECISION CIRCUITS—9
ANALOG PERFORMANCE CHARACTERISTICS
DVDD = AVDD = 3.0 V, 100 k
Ω output load resistance, Ta = 25 °C
Figure 3. THD + N vs. input amplitude
Figure 4. THD + N vs. input frequency
Figure 5. Attenuation error
Figure 6. Attenuation characteristic (– 64dB to MUTE)
Figure 7. Residual noise vs. ATT
Figure 8. Frequency response
0.001
1
0.01
0.1
.1
1
VIN(Vrms)
1.2
.2
.5
VDD=2.7V
f=1kHz
ATT=0dB
20kHz LPF
VDD=3.0V
VDD=3.3V
0.1
0.001
0.01
1k
10k
20k
100
20
Frequency(Hz)
ATT=0dB
20kHz LPF
VIN=0.8Vrms
VIN=0.5Vrms
VIN=0.2Vrms
-5
-4
-3
-2
-1
0
1
2
-80
-70
-60
-50
-40
-30
-20
-10
0
ATT(dB)
VIN=0.8Vrms
f=1kHz
-92
-88
-84
-80
-76
-72
-68
-64
-80
-76
-72
-68
-64
Mute
Ideal Gain
ATT(dB)
VDD=2.5V
VDD=2.7V
VDD=3V
0
4
8
12
16
20
-80
-70
-60
-50
-40
-30
-20
-10
0
ATT(dB)
VIN=0Vrms
A-Weight Filter
-100
+10
-90
-80
-70
-60
-50
-40
-30
-20
-10
+0
100
Frequency(Hz)
ATT=-80dB
ATT=MUTE
1k
10k
100k 200k
20
ATT=-60dB
ATT=-40dB
ATT=-20dB
ATT=0dB
VIN=0.8Vrms


Número de pieza similar - SM6451BV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nippon Precision Circui...
SM6451B NPC-SM6451B Datasheet
162Kb / 12P
   Audio Variable Volume IC
More results

Descripción similar - SM6451BV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nippon Precision Circui...
SM6451AVNIPPON NPC-SM6451AVNIPPON Datasheet
149Kb / 12P
   Audio Variable Volume IC
SM6451B NPC-SM6451B Datasheet
162Kb / 12P
   Audio Variable Volume IC
SM6451A NPC-SM6451A Datasheet
183Kb / 13P
   Audio Variable Volume IC
SM6452AM NPC-SM6452AM Datasheet
130Kb / 16P
   Audio Variable Volume ICs
logo
Sanyo Semicon Device
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
   For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
   For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
logo
Sanyo Semicon Device
LV3329PE SANYO-LV3329PE Datasheet
230Kb / 30P
   For Car Audio Systems Electronic Volume IC
logo
SHENZHEN FUMAN ELECTRON...
TC3303 FUMAN-TC3303 Datasheet
354Kb / 7P
   3W-D stereo audio amplifier IC with volume control
logo
ON Semiconductor
LV3319PM ONSEMI-LV3319PM Datasheet
281Kb / 26P
   Electronic Volume IC
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com