Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC818F Datasheet(PDF) 3 Page - AUK corp

No. de pieza BC818F
Descripción Electrónicos  NPN Silicon Transistor (High current application Switching application)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AUK [AUK corp]
Página de inicio  https:www.auk.co.kr
Logo AUK - AUK corp

BC818F Datasheet(HTML) 3 Page - AUK corp

  BC818F Datasheet HTML 1Page - AUK corp BC818F Datasheet HTML 2Page - AUK corp BC818F Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
KST-2088-000
3
BC818F
Electrical Characteristic Curves
Fig. 2 I
C
- V
BE
Fig. 3 I
C
- V
CE
Fig. 4 V
CE(sat)
- I
C
Fig. 5 h
FE
-
I
C
Fig. 1 P
C
- T
a


Número de pieza similar - BC818F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KODENSHI_AUK CORP.
BC818F KODENSHI-BC818F Datasheet
272Kb / 4P
   High current application
BC818F KODENSHI-BC818F Datasheet
272Kb / 4P
   High current application
More results

Descripción similar - BC818F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AUK corp
BC817 AUK-BC817 Datasheet
81Kb / 3P
   NPN Silicon Transistor (High current application Switching application)
BC817F AUK-BC817F Datasheet
80Kb / 3P
   NPN Silicon Transistor (High current application Switching application)
BC818 AUK-BC818 Datasheet
80Kb / 3P
   NPN Silicon Transistor (High current application Switching application)
BC807 AUK-BC807 Datasheet
83Kb / 3P
   PNP Silicon Transistor (High current application Switching application)
BC807F AUK-BC807F Datasheet
82Kb / 3P
   PNP Silicon Transistor (High current application Switching application)
BC808 AUK-BC808 Datasheet
82Kb / 3P
   PNP Silicon Transistor (High current application Switching application)
BC808F AUK-BC808F Datasheet
82Kb / 3P
   PNP Silicon Transistor (High current application Switching application)
BC847 AUK-BC847 Datasheet
87Kb / 3P
   NPN Silicon Transistor (General purpose application Switching application)
BC847UF AUK-BC847UF Datasheet
87Kb / 3P
   NPN Silicon Transistor (General purpose application Switching application)
BC848UF AUK-BC848UF Datasheet
82Kb / 3P
   NPN Silicon Transistor (General purpose application Switching application)
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com