Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS3842BGD8 Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza CS3842BGD8
Descripción Electrónicos  Off-Line Current Mode PWM Control Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS3842BGD8 Datasheet(HTML) 2 Page - ON Semiconductor

  CS3842BGD8 Datasheet HTML 1Page - ON Semiconductor CS3842BGD8 Datasheet HTML 2Page - ON Semiconductor CS3842BGD8 Datasheet HTML 3Page - ON Semiconductor CS3842BGD8 Datasheet HTML 4Page - ON Semiconductor CS3842BGD8 Datasheet HTML 5Page - ON Semiconductor CS3842BGD8 Datasheet HTML 6Page - ON Semiconductor CS3842BGD8 Datasheet HTML 7Page - ON Semiconductor CS3842BGD8 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Electrical Characteristics: 0≤TA≤70°C, VCC=15V (Note 1); RT=680Ω, CT=.022µF for triangular mode,
RT=10kΩ, CT=3.3nF for sawtooth mode (see Fig. 3), unless otherwise stated
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
s Reference Section
Output Voltage
TJ=25°C, IOUT=1mA
4.90
5.00
5.10
V
Line Regulation
12
≤V
IN≤25V
6
20
mV
Load Regulation
1
≤I
OUT≤20mA
6
25
mV
Temperature Stability
(Note 2)
0.2
0.4
mV/°C
Total Output Variation
Line, Load, Temperature (Note 2)
4.82
5.18
V
Output Noise Voltage
10Hz
≤f≤10kHz, T
J=25°C (Note 2)
50
µV
Long Term Stability
TA=125°C, 1kHrs. (Note 2)
5
25
mV
Output Short Circuit
TA=25°C
-30
-100
-180
mA
s Oscillator Section
Initial Accuracy
Sawtooth Mode (see Fig. 3), TJ=25°C
47
52
57
kHz
Triangular Mode (see Fig. 3), TJ=25°C
44
52
60
kHz
Voltage Stability
12
≤V
CC≤25V
0.2
1.0
%
Temp. Stability
Sawtooth Mode TMIN≤TA≤TMAX
(Note 2)
5
%
Triangular Mode TMIN≤TA≤TMAX
(Note 2)
8
%
Amplitude
Oscillator peak to peak
1.7
V
Discharge Current
TJ=25°C
7.5
8.3
9.3
mA
TMIN≤TA≤TMAX
7.2
9.5
mA
s Error Amp Section
Input Voltage
VCOMP=2.5V
2.42
2.50
2.58
V
Input Bias Current
-0.3
-2.0
µA
AVOL
2
≤V
OUT≤4V
65
90
dB
Unity Gain Bandwidth
(Note 2)
0.7
1.0
MHz
PSRR
12
≤V
CC≤25V
60
70
dB
Output Sink Current
VFB=2.7V, VOSC=1.1V
2
6
mA
Output Source Current
VFB=2.3V, VOSC=5V
-0.5
-0.8
mA
VOUT High
VFB=2.3V, RL=15kΩ to ground
5
6
V
VOUT Low
VFB=2.7V, RL=15kΩ to VREF
0.7
1.1
V
s Current Sense Section
Gain
(Notes 3 & 4)
2.85
3.00
3.15
V/V
Maximum Input Signal
VCOMP=5V (Note 3)
0.9
1.0
1.1
V
PSRR
12
≤V
CC≤25V (Note 3)
70
dB
Input Bias Current
-2
-10
µA
Delay to Output
TJ=25°C (Note 2)
150
300
ns
s Output Section
Output Low Level
ISINK=20mA
0.1
0.4
V
ISINK=200mA
1.5
2.2
V
Output High Level
ISOURCE=20mA
13.0
13.5
V
ISOURCE=200mA
12.0
13.5
V


Número de pieza similar - CS3842BGD8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cherry Semiconductor Co...
CS3842BGD8 CHERRY-CS3842BGD8 Datasheet
154Kb / 6P
   Off-Line Current Mode PWM Control Circuit Off-Line Current Mode PWM Control Circuit
More results

Descripción similar - CS3842BGD8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cherry Semiconductor Co...
CS3842B CHERRY-CS3842B Datasheet
154Kb / 6P
   Off-Line Current Mode PWM Control Circuit Off-Line Current Mode PWM Control Circuit
logo
ON Semiconductor
CS2842A ONSEMI-CS2842A Datasheet
273Kb / 10P
   Off-Line Current Mode PWM Control Circuit with Undervoltage Lockout
July, 2006 ??Rev. 4
logo
Cherry Semiconductor Co...
CS2842A CHERRY-CS2842A Datasheet
156Kb / 6P
   Off-Line Current Mode PWM Control Circuit with Undervoltage Lockout
CS52843 CHERRY-CS52843 Datasheet
147Kb / 6P
   Current Mode PWM Control Circuit
logo
ON Semiconductor
CS52843 ONSEMI-CS52843 Datasheet
240Kb / 9P
   Current Mode PWM Control Circuit
July, 2006 ??Rev. 4
CS3845B ONSEMI-CS3845B Datasheet
63Kb / 8P
   Current Mode PWM Control Circuit
December, 2001 - Rev. 7
CS2844 ONSEMI-CS2844 Datasheet
162Kb / 12P
   Current Mode PWM Control Circuit
June, 2001 ??Rev. 3
CS2841B ONSEMI-CS2841B Datasheet
100Kb / 10P
   Automotive Current Mode PWM Control Circuit
September, 2005 ??Rev. 7
logo
Cherry Semiconductor Co...
CS2841B CHERRY-CS2841B Datasheet
162Kb / 6P
   Automotive Current Mode PWM Control Circuit
logo
ON Semiconductor
NCP1251 ONSEMI-NCP1251 Datasheet
275Kb / 24P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com