Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC74731WS-9818-E Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza LC74731WS-9818-E
Descripción Electrónicos  On-Screen Display Controller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC74731WS-9818-E Datasheet(HTML) 3 Page - ON Semiconductor

  LC74731WS-9818-E Datasheet HTML 1Page - ON Semiconductor LC74731WS-9818-E Datasheet HTML 2Page - ON Semiconductor LC74731WS-9818-E Datasheet HTML 3Page - ON Semiconductor LC74731WS-9818-E Datasheet HTML 4Page - ON Semiconductor LC74731WS-9818-E Datasheet HTML 5Page - ON Semiconductor LC74731WS-9818-E Datasheet HTML 6Page - ON Semiconductor LC74731WS-9818-E Datasheet HTML 7Page - ON Semiconductor LC74731WS-9818-E Datasheet HTML 8Page - ON Semiconductor LC74731WS-9818-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
3/39
LC74731W, LC74732W
Pin Functions
Pin No.
Pin
Function
Description
1VSS1
Ground
Ground connection. (Digital system ground)
2
Xtalin
Crystal oscillator connections
Connections for the crystal element and capacitors that form the internal sync signal generating
3
Xtalout
crystal oscillator. Xtalin can also be used to input an external clock signal. (2fsc or 4fsc)
4
CTRL1
Switches the crystal oscillator Selects external clock input mode or crystal oscillator mode. Low: crystal oscillator mode, high:
input
external clock input mode.
5
OSCin
LC oscillator connections
Connections for the coil and capacitor that form the character output dot clock generation oscillator.
6
OSCout
This is an active-low input with hysteresis characteristics (MORE+).
When low, the
7
MUTE
Muting control input
CVout, Yout, and Cout outputs are set to either,
(1)
CSYNC,
CSYNC,
PE, or
(2)
PE
PE,
PE.
In the initial state, (1) is selected. This setting is switched by commands.
8
CDLR
Background color phase
Connection for the resistor used to adjust the background color phase
adjustment
Outputs the result of the judgment as to whether or not the external sync signal is present.
9
SYNCJDG
External sync signal judgment A high level is output when a sync signal is present.
/Rout
output (Rout output)
The dot clock (LC oscillator) is output when RST is low.
(The IC can be set up to not output this signal during resets by commands.)
10
CHARA/Gout
Character output
Character signal output
(Gout output)
11
BLANK/Bout
Blank output (Bout output)
Blank signal output pin
12
IEout/BLKout
Internal/external output
Internal synchronization (high)/external synchronization (low) state output pin
(BLKout output)
13
OUTMOD
Output switching input
Switches between output from pins 9 to 12 and input to pin 32.
Low: normal operation, high: RGB output supported
Serial data input enable
14
CS
Enable input
Serial data input is enabled when low.
more+ (Hysteresis input characteristics)
15
SIN
Data input
Serial data input
more+ (Hysteresis input characteristics)
16
SCLK
Clock input
Serial data input clock input
more+ (Hysteresis input characteristics)
17
VDD2
Power supply
Composite video signal level adjustment power supply. (Analog system power supply)
18
COUT
Color signal output
Color (C) signal output
19
NC
This pin must either be left open or connected to ground.
20
CIN
Color signal input
Color (C) signal input
21
CBIAS
Chrominance bias output
Chrominance signal bias level output
22
NC
This pin must be either left open or connected to ground.
23
YOUT
Luminance signal output
Luminance signal (Y) output
24
NC
This pin must be either left open or connected to ground.
25
YIN
Luminance signal input
Luminance signal (Y) input
26
VSS2
Ground
Ground
27
CVOUT
Video signal output
Composite video signal output
28
NC
This pin must either be left open or connected to ground.
29
CVIN
Video signal input
Composite video signal input
30
CVCR
Video signal input
SECAM chrominance signal input
31
HFTin
Halftone signal input
Halftone signal input
32
SYNin
Sync separator circuit input
Video signal input to the internal sync separator circuit
33
SEPout
Composite sync signal output Composite sync signal output from the internal sync separator circuit
34
SEPin
Vertical sync signal input
Vertical sync signal input
MORE+ (Hysteresis input characteristics)
35
RST
Reset input
System reset input
A built-in pull-up resistor can be included in this pin’s input circuit. (Hysteresis input characteristics)
36
VDD1
Power supply (+5 V)
Power supply (+5 V: digital system power supply)
Continued on next page.


Número de pieza similar - LC74731WS-9818-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W Datasheet
157Kb / 38P
   On-Screen Display Controller
LC74731W SANYO-LC74731W Datasheet
154Kb / 38P
   On-Screen Display Controller
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
   On-Screen Display Controller
More results

Descripción similar - LC74731WS-9818-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fujitsu Component Limit...
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
   On-Screen Display Controller
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
   On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
   On-Screen Display Controller
July, 2013
logo
Fujitsu Component Limit...
MB90097 FUJITSU-MB90097 Datasheet
928Kb / 63P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74735NW SANYO-LC74735NW Datasheet
295Kb / 52P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90096 FUJITSU-MB90096 Datasheet
367Kb / 36P
   On-screen Display Controller
logo
Sanyo Semicon Device
LC74788 SANYO-LC74788 Datasheet
211Kb / 23P
   On-Screen Display Controller
LC74789 SANYO-LC74789 Datasheet
211Kb / 23P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90092 FUJITSU-MB90092_01 Datasheet
348Kb / 40P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74787 SANYO-LC74787 Datasheet
216Kb / 23P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90099 FUJITSU-MB90099 Datasheet
1Mb / 36P
   On-Screen Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com