Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC857 Datasheet(PDF) 2 Page - AUK corp

No. de pieza BC857
Descripción Electrónicos  PNP Silicon Transistor (General purpose application Switching application)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AUK [AUK corp]
Página de inicio  https:www.auk.co.kr
Logo AUK - AUK corp

BC857 Datasheet(HTML) 2 Page - AUK corp

  BC857 Datasheet HTML 1Page - AUK corp BC857 Datasheet HTML 2Page - AUK corp BC857 Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KST-2010-000
2
BC857
Absolute maximum ratings
(Ta=25
°°°°C)
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
-50
V
Collector-Emitter voltage
VCEO
-45
V
Emitter-Base voltage
VEBO
-5
V
Collector current
IC
-100
mA
Collector dissipation
PC
200
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55~150
°C
Electrical Characteristics
(Ta=25
°°°°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Emitter breakdown voltage
BV
CEO
I
C=-2mA, IB=0
-45
-
-
V
Base -Emitter turn on voltage
V
BE(ON)
V
CE=-5V, IC=-2mA
-
-
-700
mV
Base -Emitter saturation voltage
V
BE(sat)
I
C=-100mA, IB=-5mA
-
-900
-
mV
Collector-Emitter saturation voltage
V
CE(sat)
I
C=-100mA, IB=-5mA
-
-
-650
mV
Collector cut-off current
I
CBO
V
CB=-35V, IE= 0
-
-
-15
nA
DC current gain
h
FE
*
V
CE=-5V, IC=-2mA
110
-
800
-
Transition frequency
f
T
V
CB=-5V, IC=-10mA
-
150
-
MHz
Collector output capacitance
C
ob
V
CB=-10V, IE=0, f=1MHz
-
-
4.5
pF
Noise Figure
NF
V
CE=-5V, IC=-200µA,
f=1KHz,Rg=2K
--
10
dB
* : h
FE rank / A : 110 ~ 220, B : 200 ~ 450, C : 420 ~ 800


Número de pieza similar - BC857

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
BC857 KEC-BC857 Datasheet
525Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR
logo
NXP Semiconductors
BC857 PHILIPS-BC857 Datasheet
47Kb / 8P
   PNP general purpose transistors
1999 Apr 12
BC857 PHILIPS-BC857 Datasheet
84Kb / 13P
   45 V, 100 mA NPN general-purpose transistors
Rev. 8-20 August 2012
logo
Diotec Semiconductor
BC857 DIOTEC-BC857 Datasheet
145Kb / 2P
   SMD General Purpose PNP Transistors
logo
Pan Jit International I...
BC857 PANJIT-BC857 Datasheet
168Kb / 4P
   PNP GENERAL PURPOSE TRANSISTORS
More results

Descripción similar - BC857

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AUK corp
BC858U AUK-BC858U Datasheet
92Kb / 3P
   PNP Silicon Transistor (General purpose application Switching application)
BC857UF AUK-BC857UF Datasheet
92Kb / 3P
   PNP Silicon Transistor (General purpose application Switching application)
SBT2907F AUK-SBT2907F Datasheet
191Kb / 4P
   PNP Silicon Transistor (General purpose application Switching application)
BC856 AUK-BC856 Datasheet
92Kb / 3P
   PNP Silicon Transistor (General purpose application Switching application)
BC856F AUK-BC856F Datasheet
91Kb / 3P
   PNP Silicon Transistor (General purpose application Switching application)
BC858UF AUK-BC858UF Datasheet
92Kb / 3P
   PNP Silicon Transistor (General purpose application Switching application)
BC857F AUK-BC857F Datasheet
91Kb / 3P
   PNP Silicon Transistor (General purpose application Switching application)
BC858 AUK-BC858 Datasheet
92Kb / 3P
   PNP Silicon Transistor (General purpose application Switching application)
BC856UF AUK-BC856UF Datasheet
92Kb / 3P
   PNP Silicon Transistor (General purpose application Switching application)
BC858F AUK-BC858F Datasheet
91Kb / 3P
   PNP Silicon Transistor (General purpose application Switching application)
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com