Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM03 Datasheet(PDF) 3 Page - Diotech Company.

No. de pieza SM03
Descripción Electrónicos  STANDARD CAPACITANCE TVS ARRAY / ESD ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIOTECH [Diotech Company.]
Página de inicio  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

SM03 Datasheet(HTML) 3 Page - Diotech Company.

  SM03 Datasheet HTML 1Page - Diotech Company. SM03 Datasheet HTML 2Page - Diotech Company. SM03 Datasheet HTML 3Page - Diotech Company. SM03 Datasheet HTML 4Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SM03 THRU SM36
STANDARD CAPACITANCE TVS ARRAY / ESD ARRAY
Electrical Characteristics Curve
0
25
50
75
100 125 150 175 200
100
75
50
25
0
T , AMBIENT TEMPERATURE (°C)
A
0
30
60
90
120
150
180
210
240
270
300
0
1
2
3
4
5
V , REVERSE VOLTAGE (V)
R
f = 1MHz
Typcal Reverse Voltage VS Capacitance
Power Derating Curve
Pulse Waveform
TEST
WAVEFORM
PARAMETERS
tf = 8µs
td= 20µs
t f
e-t
Peak Value I
PP
td= t/(IPP/2)
t - Time - µs
0
5
10
15
20
25
30
0
20
40
60
80
100
120


Número de pieza similar - SM03

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
SM03 MCC-SM03 Datasheet
416Kb / 2P
   Transient Voltage Suppressor 500 Watt
logo
Microsemi Corporation
SM03 MICROSEMI-SM03 Datasheet
138Kb / 2P
   TVSarray Series
logo
Shanghai Leiditech Elec...
SM03 LEIDITECH-SM03 Datasheet
133Kb / 3P
   USB 2.0 power and data line
logo
Guangdong Youtai Semico...
SM03 UMW-SM03 Datasheet
425Kb / 3P
   TVS Diode Array
SM03 UMW-SM03 Datasheet
425Kb / 3P
   TVS Diode Array
More results

Descripción similar - SM03

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diotech Company.
SD03 DIOTECH-SD03 Datasheet
917Kb / 3P
   STANDARD CAPACITANCE TVS ARRAY / ESD ARRAY
SD03C DIOTECH-SD03C Datasheet
777Kb / 3P
   STANDARD CAPACITANCE TVS ARRAY / ESD ARRAY
LC03CI DIOTECH-LC03CI Datasheet
931Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY / ESD ARRAY
SR05 DIOTECH-SR05 Datasheet
1Mb / 4P
   LOW CAPACITANCE TVS ARRAY / ESD ARRAY
SRV05-4 DIOTECH-SRV05-4 Datasheet
938Kb / 4P
   LOW CAPACITANCE TVS ARRAY / ESD ARRAY
logo
Protek Devices
PSMS05 PROTEC-PSMS05 Datasheet
183Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
SM20M05-18 PROTEC-SM20M05-18_05 Datasheet
108Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
SM20MT05C PROTEC-SM20MT05C_05 Datasheet
112Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMDA05-6 PROTEC-PSMDA05-6 Datasheet
81Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSOT15KCA PROTEC-PSOT15KCA Datasheet
93Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com