Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LB11946 Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza LB11946
Descripción Electrónicos  Stepping Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11946 Datasheet(HTML) 5 Page - ON Semiconductor

  LB11946 Datasheet HTML 1Page - ON Semiconductor LB11946 Datasheet HTML 2Page - ON Semiconductor LB11946 Datasheet HTML 3Page - ON Semiconductor LB11946 Datasheet HTML 4Page - ON Semiconductor LB11946 Datasheet HTML 5Page - ON Semiconductor LB11946 Datasheet HTML 6Page - ON Semiconductor LB11946 Datasheet HTML 7Page - ON Semiconductor LB11946 Datasheet HTML 8Page - ON Semiconductor LB11946 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LB11946
No.7946-5/14
AC Electrical Characteristics at VCC = 3.3V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Clock frequency
Fclk
200
550
kHz
Data setup time
TDS
0.9
2.5
μS
Data hold time
TDH
0.9
2.5
μS
Minimum clock high-level pulse width
TSCH
0.9
2.5
μS
Minimum clock low-level pulse width
TSCL
0.9
2.5
μS
SET pin stipulated time
Tlat
0.9
2.5
μS
SET pin signal pulse width
Tlatw
1.9
5.0
μS
CLK
DATA
SET
D4
D5
D6
D10
D11
TSCH TSCL
Fclk
TSD TDH
Tlat
Tlatw


Número de pieza similar - LB11946

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB11946 SANYO-LB11946 Datasheet
1Mb / 12P
   PWM Current Control Stepping Motor Driver
LB11946 SANYO-LB11946 Datasheet
132Kb / 14P
   PWM Current Control Stepping Motor Driver
LB11946 SANYO-LB11946 Datasheet
165Kb / 14P
   PWM Current Control Stepping Motor Driver
LB11946 SANYO-LB11946_09 Datasheet
132Kb / 14P
   PWM Current Control Stepping Motor Driver
LB11946 SANYO-LB11946_10 Datasheet
165Kb / 14P
   PWM Current Control Stepping Motor Driver
More results

Descripción similar - LB11946

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA6845FS ROHM-BA6845FS Datasheet
72Kb / 6P
   Stepping motor driver
BD6775EFV ROHM-BD6775EFV Datasheet
83Kb / 3P
   Stepping Motor Driver
BA6846FV-E2 ROHM-BA6846FV-E2 Datasheet
90Kb / 6P
   Stepping motor driver
logo
ON Semiconductor
SKT672-040-E ONSEMI-SKT672-040-E Datasheet
203Kb / 19P
   Stepping Motor Driver
June, 2013
SKT672-080-E ONSEMI-SKT672-080-E Datasheet
182Kb / 18P
   Stepping Motor Driver
June, 2013
LB1945H ONSEMI-LB1945H Datasheet
85Kb / 7P
   Stepping Motor Driver
June, 2013
logo
Rohm
BD63621MUV ROHM-BD63621MUV Datasheet
1Mb / 29P
   Stepping Motor Driver
logo
Fairchild Semiconductor
KA3100D FAIRCHILD-KA3100D Datasheet
163Kb / 8P
   Stepping Motor Driver
logo
ON Semiconductor
SKT672-060-E ONSEMI-SKT672-060-E Datasheet
198Kb / 19P
   Stepping Motor Driver
June, 2013
logo
Sanken electric
SI-7200E SANKEN-SI-7200E Datasheet
324Kb / 4P
   STEPPING MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com