Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

P006-1-120X Datasheet(PDF) 1 Page - Ensign Corporation

No. de pieza P006-1-120X
Descripción Electrónicos  POWER TRANSFORMER CAPTAIN CLASS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ENSIGN [Ensign Corporation]
Página de inicio  http://www.ensigncorp.com
Logo ENSIGN - Ensign Corporation

P006-1-120X Datasheet(HTML) 1 Page - Ensign Corporation

  P006-1-120X Datasheet HTML 1Page - Ensign Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
POWER TRANSFORMER
CAPTAIN CLASS
P006-1-XXXX
P006-2-XXXX
P006-3-XXXX
CONTENTS OF THIS DRAWING ARE SUBJECT TO
CHANGE WITHOUT PRIOR NOTICE
Ensign Corporation
201 ENSIGN RD., BELLEVUE, IA 52031
Dim: Inches
Sheet 1 of 1
PROPRIETARY NOTICE: THIS DRAWING PRINT OR DOCUMENT AND SUBJECT MATTER DISCLOSED HEREIN ARE PROPRIETARY ITEMS TO WHICH ENSIGN RETAINS
THE EXCLUSIVE RIGHT OF DISSEMINATION, MANUFACTURE AND SALE. THIS DRAWING, PRINT OR DOCUMENT IS SUBMITTED IN CONFIDENCE FOR CONSIDERATION
BY THE RECIPIENT ALONE UNLESS PERMISSION FOR FURTHER DISCLOSURE IS EXPRESSLY GRANTED IN WRITING
Part No.
115V
115/230V
230V
Series Connection
Parallel Connection
P006-1-010X
P006-2-010X
P006-3-010X
10VCT @ 0.6A
5V @ 1.2A
P006-1-012X
P006-2-012X
P006-3-012X
12.6VCT @ 0.5A
6.3V @ 1.0A
P006-1-016X
P006-2-016X
P006-3-016X
16VCT @ 0.4A
8V @ 0.8A
P006-1-020X
P006-2-020X
P006-3-020X
20VCT @ 0.3A
10V @ 0.6A
P006-1-024X
P006-2-024X
P006-3-024X
24VCT @ 0.25A
12V @ 0.5A
P006-1-028X
P006-2-028X
P006-3-028X
28VCT @ 0.2A
14V @ 0.4A
P006-1-036X
P006-2-036X
P006-3-036X
36VCT @ 0.17A
18V @ 0.34A
P006-1-048X
P006-2-048X
P006-3-048X
48VCT @ 0.125A
24V @ 0.25A
P006-1-056X
P006-2-056X
P006-3-056X
56VCT @ 0.11A
28V @ 0.22A
P006-1-120X
P006-2-120X
P006-3-120X
120VCT @ 0.05A
60V @ 0.1A
CAPTAIN CLASS - PRINTED CIRCUIT MOUNT, STANDARD PROFILE POWER TRANSFORMER
1.
Electrical Specifications
A. Maximum Power: 6VA
B. Input Voltage and Frequency: 115V, 115/230V, 230V @ 50/60Hz
C. Voltage Regulation: 18% TYP @ Full Load to No Load
D. Temperature Rise: 25 C TYP
E. Insulation Resistance: > 1 MEG ohm
F.
Hi-Pot: 2500 Vrms 1 minute @ Pri to Sec
2500 Vrms 1 minute @ Pri to Core
1500 Vrms 1 minute @ Sec to Core
2.
Marking: Ensign Corp, part number (see table), date code,
terminal numbers
3.
Safety:
UL/cUL 5085-2 Recognized (File 47299)
UL 1446 Recognized Insulation System (File 95662)
Primary Schematics
Secondary Schematics
Single Input
(Specify 115V,
120V, 230V or
240V)
Dual Input
(Specify
115/230V or
120/240V)
Single
Output
Center-Tapped
Output
Dual
Output


Número de pieza similar - P006-1-120X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ensign Corporation
P006-1-120X ENSIGN-P006-1-120X Datasheet
536Kb / 3P
   Captain Class
More results

Descripción similar - P006-1-120X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ensign Corporation
P001-1-710X ENSIGN-P001-1-710X Datasheet
291Kb / 1P
   POWER TRANSFORMER CAPTAIN CLASS
P002-1-710X ENSIGN-P002-1-710X Datasheet
289Kb / 1P
   POWER TRANSFORMER CAPTAIN CLASS
P001-1-010X ENSIGN-P001-1-010X Datasheet
292Kb / 1P
   POWER TRANSFORMER CAPTAIN CLASS
P002-1-010X ENSIGN-P002-1-010X Datasheet
276Kb / 1P
   POWER TRANSFORMER CAPTAIN CLASS
P012-1-010X ENSIGN-P012-1-010X Datasheet
306Kb / 1P
   POWER TRANSFORMER CAPTAIN CLASS
P020-1-010X ENSIGN-P020-1-010X Datasheet
300Kb / 1P
   POWER TRANSFORMER CAPTAIN CLASS
P036-1-010X ENSIGN-P036-1-010X Datasheet
300Kb / 1P
   POWER TRANSFORMER CAPTAIN CLASS
P001 ENSIGN-P001 Datasheet
299Kb / 1P
   Captain Class
P006 ENSIGN-P006 Datasheet
536Kb / 3P
   Captain Class
IL002-1-010X ENSIGN-IL002-1-010X Datasheet
712Kb / 1P
   POWER TRANSFORMER ADMIRAL CLASS
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com