Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAS21W-AU Datasheet(PDF) 4 Page - Pan Jit International Inc.

No. de pieza BAS21W-AU
Descripción Electrónicos  SURFACE MOUNT SWITHCHING DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANJIT [Pan Jit International Inc.]
Página de inicio  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS21W-AU Datasheet(HTML) 4 Page - Pan Jit International Inc.

  BAS21W-AU Datasheet HTML 1Page - Pan Jit International Inc. BAS21W-AU Datasheet HTML 2Page - Pan Jit International Inc. BAS21W-AU Datasheet HTML 3Page - Pan Jit International Inc. BAS21W-AU Datasheet HTML 4Page - Pan Jit International Inc. BAS21W-AU Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PBAS21W-AU
November 11,2014-REV.00
Page 4
Part No_packing code_Version
BAS21W-AU_R1_000A1
BAS21W-AU_R2_000A1
For example :
RB500V-40_R2_00001
˙Serial number
˙
˙Version code means HF
Part No.
˙Packing size code means 13"
˙Packing type means T/R
Packing Code XX
Version Code XXXXX
Packing type
1
st
Code
Packing size code
2
nd
Code
HF or
RoHS
1
st
Code
2
nd~5th
Code
Tape and Ammunition
Box (T/B)
A
N/A
0
HF
0
serial
number
Tape and Reel (T/R)
R
7"
1
RoHS
1
serial
number
Bulk Packing (B/P)
B
13"
2
Tube Packing (T/P)
T
26mm
X
Tape and Reel (Right Oriented)
(TRR)
S
52mm
Y
Tape and Reel (Left Oriented)
(TRL)
L
PANASERT T/B
CATHODE UP (PBCU)
U
FORMING
F
PANASERT T/B
CATHODE DOWN (PBCD)
D


Número de pieza similar - BAS21W-AU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
BAS21W-13-F DIODES-BAS21W-13-F Datasheet
207Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
BAS21W-7 DIODES-BAS21W-7 Datasheet
64Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
BAS21W-7-F DIODES-BAS21W-7-F Datasheet
84Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 11 - 2
BAS21W-7-F DIODES-BAS21W-7-F Datasheet
129Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 13 - 2
BAS21W-7-F DIODES-BAS21W-7-F Datasheet
207Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
More results

Descripción similar - BAS21W-AU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SHENZHEN YONGERJIA INDU...
BAS16X WINNERJOIN-BAS16X Datasheet
244Kb / 2P
   Swithching Diode
BAS16X WINNERJOIN-BAS16X_15 Datasheet
244Kb / 2P
   Swithching Diode
logo
Cystech Electonics Corp...
MF400XSL CYSTEKEC-MF400XSL Datasheet
135Kb / 3P
   SURFACE MOUNT DIODES
logo
Jiangsu Changjiang Elec...
BAS16X JIANGSU-BAS16X Datasheet
141Kb / 2P
   Swithching Diode
logo
Voltage Multipliers Inc...
SXF50FF3 VMI-SXF50FF3 Datasheet
75Kb / 1P
   High Voltage Diodes - Surface Mount High Voltage Diodes - Surface Mount
logo
Hi-Sincerity Mocroelect...
HMM4148 HSMC-HMM4148 Datasheet
36Kb / 3P
   SURFACE MOUNT SITCHING DIODES
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com