Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL1019P Datasheet(PDF) 6 Page - AUK corp

No. de pieza SL1019P
Descripción Electrónicos  AM TUNER SYSTEM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AUK [AUK corp]
Página de inicio  https:www.auk.co.kr
Logo AUK - AUK corp

SL1019P Datasheet(HTML) 6 Page - AUK corp

Back Button SL1019P Datasheet HTML 2Page - AUK corp SL1019P Datasheet HTML 3Page - AUK corp SL1019P Datasheet HTML 4Page - AUK corp SL1019P Datasheet HTML 5Page - AUK corp SL1019P Datasheet HTML 6Page - AUK corp SL1019P Datasheet HTML 7Page - AUK corp SL1019P Datasheet HTML 8Page - AUK corp SL1019P Datasheet HTML 9Page - AUK corp SL1019P Datasheet HTML 10Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
KSI-W020-000
6
Information in using IC(Continued)
CD is 2000pF to 3000pF or there abouts
L2 Damping(600kHz ~ 1400kHz)
Reference Circuit: -15dB
Changing Circuit : -4dB
7. The L2 is used to remove the SW band.
If the RF stage is double-tuned, the difference in sensitivity within the RF band almost
disappears. thereby leading to worse spurious characteristic.
8. The SL1019P contains 2-channel wide-band AGC.
The pin 6 detects and undesired signal within the RF band
and wide-band AGC is applied. This detection sensitivity is
determined inside the IC. The pin 2 detects and undesired
signal outside the RF band. This detection sensitivity is
determined by R3. When 1mVrms(f=1MHz) signal is applied
to pin 2, AGC operates.
9. In the AGC circuit of the test circuit the presence of an
undesired signal of high strength within the receiving band
may cause the desired signal to be suppressed when the
desired signal is low or medium in strength. Shown below is
the circuit configuration where the necessary measures are taken against this
suppression.
10.The circuit shown below is available to stabilize the transient response of the signal
meter output at the search stop mode.
11. When using MW, no additional resistor is required
But when using LW(approximately 50℃ or greater), additionally connect a resistor of
27KΩ across pins 18 and 19 against increase in local OSC level.
12. For improvement in image frequency interference change the RF double tuning coil
as follows, and the image frequency interference becomes 63dB at fr = 1400KHz (Q
point of the tuning circuit must not be decreased with tuning resistor 100KΩ )
Vc c
Wi d e
Be n d
AG C
ANT
Da mp i n g
Dr i v e r
R 9
R A
R B
Ge
C9
R A=4.3K
R B=3.0K
Vr e f
2
6
1
4
16
Si g n a l
16M et er O ut p u t
Wi d e Be n d
AF C I n p u t
RF A GC
ANT D a mp i n g
+
13
R 10
R 11
+
C18
C19
17
10K
1K
S i g n al d u r i n g s e ar c h i n g
fr o m P LL
RF A G C
SL1019P


Número de pieza similar - SL1019P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AUK corp
SL1019P AUK-SL1019P Datasheet
112Kb / 10P
   AM TUNER SYSTEM
SL1019P AUK-SL1019P_1 Datasheet
112Kb / 10P
   AM TUNER SYSTEM
More results

Descripción similar - SL1019P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AUK corp
SL1019P AUK-SL1019P_1 Datasheet
112Kb / 10P
   AM TUNER SYSTEM
logo
Daewoo Semiconductor
DBL1019 DAEWOO-DBL1019 Datasheet
533Kb / 9P
   AM TUNER SYSTEM
logo
Unisonic Technologies
TA7611AP UTC-TA7611AP Datasheet
156Kb / 5P
   FM IF/AM TUNER SYSTEM
logo
NTE Electronics
NTE1214 NTE-NTE1214 Datasheet
22Kb / 3P
   Integrated Circuit AM Tuner System
logo
List of Unclassifed Man...
TA7611AP ETC-TA7611AP Datasheet
60Kb / 5P
   FM IF/AM TUNER SYSTEM
logo
Toshiba Semiconductor
TA7616P TOSHIBA-TA7616P Datasheet
297Kb / 7P
   CAR RADIO AM TUNER ONE CHIP AM SYSTEM
TA7792P TOSHIBA-TA7792P Datasheet
388Kb / 9P
   AM/FM 1CHIP TUNER SYSTEM IC
logo
NTE Electronics
NTE1486 NTE-NTE1486 Datasheet
78Kb / 3P
   Integrated Circuit FM/AM Tuner System
logo
Sanyo Semicon Device
LA1266 SANYO-LA1266 Datasheet
344Kb / 11P
   AM/FM Tuner System Of Electronic Tuning Type
LA1886M SANYO-LA1886M Datasheet
724Kb / 32P
   AM/FM Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com