Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS-1U60EL Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

No. de pieza SS-1U60EL
Descripción Electrónicos  600W power supply for 1U Single Efficiency:87.71%
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

SS-1U60EL Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SS-1U60EL Datasheet HTML 1Page - List of Unclassifed Manufacturers SS-1U60EL Datasheet HTML 2Page - List of Unclassifed Manufacturers SS-1U60EL Datasheet HTML 3Page - List of Unclassifed Manufacturers SS-1U60EL Datasheet HTML 4Page - List of Unclassifed Manufacturers SS-1U60EL Datasheet HTML 5Page - List of Unclassifed Manufacturers SS-1U60EL Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2. PROTECTIONS
2.1 OVER-VOLTAGE PROTECTION
OUTPUT
Min
Max
+3.3V
3.7V
4.1V
+5V
5.7V
6.5V
+12V
13.1V
14.5V
2.2 SHORT CIRCUIT PROTECTION
A short circuit placed between the DC Return and the output shall cause
No damage and the power supply shall shutdown.
2.3 OVER POWER PROTECTION
The power supply shall shut down when output power exceeds 110﹪to 160﹪
of full load and require a power on cycle be performed by the operate
3. ENVIRONMENT TEMPERATURE
3.1 Operation Temperature: 0℃ to 45℃
3.2 Cooling: ONE 40mm DC FANS.
3.3 Storage Temperature:-20℃ to 70℃
3.4 Humidity: 5 to 90﹪non-condensing.
4. Mean Time Between Failure(MTBF)
Using MIL - HDBK -217F the calculated MTBF=100,000 hours at 25
75% loading.
5. SAFETY:
UL 60950-1, 2
ND Edition, CSA C 22.2 No. 60950-1-07, 2nd Edition, 2007-03
TUV EN60950-1: 2006+A11+A1+A12
CB IEC60950-1: 2005
BSMI CNS14336-1, CNS13438
CCC 4943.1-2011
6. EMI NOISE FILTER:
EN55022:2006+A1:2007, EN55024:1998+A1:2001+A2:2003
EN61000-3-2: 2006+A2:2009 EN61000-.3-3: 2008, IEC61000-4-2,-3,-4,-5,-6,-8,-11


Número de pieza similar - SS-1U60EL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SS-1U40ES ETC2-SS-1U40ES Datasheet
224Kb / 6P
   The minimum power factor at full load shall be 0.98/115V 60 Hz and 0.95/230V 50 Hz.
SS-1U46ES ETC2-SS-1U46ES Datasheet
201Kb / 6P
   460W power supply for 1U Single Efficiency??6%
SS-1U52ES ETC2-SS-1U52ES Datasheet
213Kb / 6P
   520W power supply for 1U Single Efficiency:87.29%
More results

Descripción similar - SS-1U60EL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
M1D-600D1 ETC2-M1D-600D1 Datasheet
274Kb / 11P
   600W Power Supply for 1U Easy Swap
M1C-600A1 ETC2-M1C-600A1 Datasheet
236Kb / 11P
   600W Power Supply for 1U Easy Swap
M1C-600B1 ETC2-M1C-600B1 Datasheet
235Kb / 11P
   600W Power Supply for 1U Easy Swap
M1C-600C1 ETC2-M1C-600C1 Datasheet
234Kb / 11P
   600W Power Supply for 1U Easy Swap
SS-2U60EL ETC2-SS-2U60EL Datasheet
228Kb / 6P
   600W power supply for 2U Single Efficiency:87.45%
SS-1U46ES ETC2-SS-1U46ES Datasheet
201Kb / 6P
   460W power supply for 1U Single Efficiency??6%
SS-1U52ES ETC2-SS-1U52ES Datasheet
213Kb / 6P
   520W power supply for 1U Single Efficiency:87.29%
logo
Total Power Internation...
SE-600 TOTAL-POWER-SE-600 Datasheet
315Kb / 2P
   600W Single Output Power Supply
logo
Mean Well Enterprises C...
SE-600 MEANWELL-SE-600_09 Datasheet
254Kb / 2P
   600W Single Output Power Supply
SE-600 MEANWELL-SE-600_11 Datasheet
255Kb / 2P
   600W Single Output Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com