Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74172B Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza MC74172B
Descripción Electrónicos  Quad EIA??85 Line Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74172B Datasheet(HTML) 5 Page - ON Semiconductor

  MC74172B Datasheet HTML 1Page - ON Semiconductor MC74172B Datasheet HTML 2Page - ON Semiconductor MC74172B Datasheet HTML 3Page - ON Semiconductor MC74172B Datasheet HTML 4Page - ON Semiconductor MC74172B Datasheet HTML 5Page - ON Semiconductor MC74172B Datasheet HTML 6Page - ON Semiconductor MC74172B Datasheet HTML 7Page - ON Semiconductor MC74172B Datasheet HTML 8Page - ON Semiconductor MC74172B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MC75172B MC75174B
http://onsemi.com
5
tdf
1.5 V
50%
tPHLD
3.0 V
tPLH
VOD
54
50 pF
Vin
VCC
VOD
VOD2,A
−1.5 V
50%
1.5 V
[4.6 V
tdr
S.G.
0 V
3.0 V
1.5 V
tPLHD
1.5 V
Vin
VCC
VOH
15 pF
Vin
Z
VCC
Vin
tPHL
(0.8 or 2.0 V)
VOS
(0.8 or 2.0 V)
RL/2
RL/2
VCC
Output Y
+
375
58
375
VOD3
VCM = 12 to −7.0 V
Y
Output
27
Ω
2.3 V
S.G.
Vin
3.0 V
3.0 V
tPLH
1.5 V
Output Z
Vin
VOL
0 V
3.0 V
1.5 V
tPHL
3.0 V
−1.5 V
NOTES: 1. S.G. set to: f p 1.0 MHz; duty cycle = 50%; tr, tf, p 5.0 ns.
2. tSK1 = ⎥tPLHD − tPHLD⎥ for each driver.
3. tSK2 computed by subtracting the shortest tPLHD from the longest tPLHD of the 4 drivers within a package.
4. tSK3 computed by subtracting the shortest tPHLD from the longest tPHLD of the 4 drivers within a package.
Figure 1. VDD Measurement
Figure 2. Common Mode Test
Figure 3. Propagation Delay, Single−Ended Outputs
Figure 4. Propagation Delay, Differential Outputs


Número de pieza similar - MC74172B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
MC7410HX400NE NXP-MC7410HX400NE Datasheet
501Kb / 8P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410xxnnnNE Series
Rev. 2.0, 11/2007
MC7410HX450NE NXP-MC7410HX450NE Datasheet
501Kb / 8P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410xxnnnNE Series
Rev. 2.0, 11/2007
MC7410RX400NE NXP-MC7410RX400NE Datasheet
501Kb / 8P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410xxnnnNE Series
Rev. 2.0, 11/2007
MC7410RX450NE NXP-MC7410RX450NE Datasheet
501Kb / 8P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410xxnnnNE Series
Rev. 2.0, 11/2007
MC7410RX500NE NXP-MC7410RX500NE Datasheet
501Kb / 8P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410xxnnnNE Series
Rev. 2.0, 11/2007
More results

Descripción similar - MC74172B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC75172B ONSEMI-MC75172B_06 Datasheet
122Kb / 13P
   Quad EIA??85 Line Drivers with Three?뭆tate Outputs
July, 2006 ??Rev. 4
logo
Motorola, Inc
MC75172B MOTOROLA-MC75172B Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
logo
ON Semiconductor
MC75172B ONSEMI-MC75172B Datasheet
180Kb / 12P
   QUAD EIA-485 LINE DRIVERS
1996 REV 1
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
logo
National Semiconductor ...
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
   EIA-485/EIA-422 Quad Differential Drivers
logo
ON Semiconductor
MC26LS30 ONSEMI-MC26LS30_05 Datasheet
117Kb / 14P
   Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
March, 2005 ??Rev. 2
MC26LS30 ONSEMI-MC26LS30 Datasheet
108Kb / 16P
   Dual Differential Quad Single-Ended (EIA-423-A) Line Drivers
July, 2000 ??Rev. 1
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML Datasheet
381Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
DS96F174MQML TI-DS96F174MQML_15 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
logo
ON Semiconductor
MC1488 ONSEMI-MC1488_06 Datasheet
179Kb / 11P
   Quad Line EIA??32D Driver
October, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com