Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SA3286-E1-T Datasheet(PDF) 11 Page - ON Semiconductor

No. de pieza SA3286-E1-T
Descripción Electrónicos  Pre-configured DSP System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA3286-E1-T Datasheet(HTML) 11 Page - ON Semiconductor

Back Button SA3286-E1-T Datasheet HTML 7Page - ON Semiconductor SA3286-E1-T Datasheet HTML 8Page - ON Semiconductor SA3286-E1-T Datasheet HTML 9Page - ON Semiconductor SA3286-E1-T Datasheet HTML 10Page - ON Semiconductor SA3286-E1-T Datasheet HTML 11Page - ON Semiconductor SA3286-E1-T Datasheet HTML 12Page - ON Semiconductor SA3286-E1-T Datasheet HTML 13Page - ON Semiconductor SA3286-E1-T Datasheet HTML 14Page - ON Semiconductor SA3286-E1-T Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
INSPIRIA SA3286
www.onsemi.com
11
Biquad Filters
Additional frequency shaping can be achieved by
configuring generic biquad filters. The transfer function for
each of the biquad filters is as follows:
H(z) + b0 ) b1
z−1 ) b2
z−2
1 ) a1
z−1 ) a2
z−2
Note that the a0 coefficient is hard−wired to always be ‘1’.
The coefficients are each 16 bits in length and include one
sign bit, one bit to the left of the decimal point, and 14 bits
to the right of the decimal point. Thus, before quantization,
the floating−point coefficients must be in the range −2.0
≤ x
< 2.0 and quantized with the function:
round x
214
After designing a filter, the quantized coefficients can be
entered into the PreBiquads or PostBiquads tab in the
Interactive Data Sheet. The coefficients b0, b1, b2, a1, and
a2 are as defined in the transfer function above. The
parameters meta0 and meta1 do not have any effect on the
signal processing, but can be used to store additional
information related to the associated biquad.
The underlying code in the product components
automatically checks all of the filters in the system for
stability (i.e., the poles have to be within the unit circle)
before updating the graphs on the screen or programming
the coefficients into the hybrid. If the Interactive Data Sheet
receives an exception from the underlying stability checking
code, it automatically disables the biquad being modified
and display a warning message. When the filter is made
stable again, it can be re−enabled.
Also note that in some configurations, some of these
filters may be used by the product component for
microphone/telecoil compensation, low−frequency EQ, etc.
If this is the case, the coefficients entered by the user into
IDS are ignored and the filter designed by the software is
programmed instead. For more information on filter design
refer to the Biquad Filters In PARAGON Digital Hybrid
information note.
Rocker Switch
The Inspiria SA3286 is equipped with a rocker switch
feature that can perform both volume control (VC)
adjustments or an audio memory switch.
There are 3 modes of operation:
Digital VC
Momentary Memory Select
Mixed Mode
In Mixed Mode, the switches behaviour is configurable to
be set to that a short or long press of the switch will invoke
either a memory or VC change (i.e., a short press is a
memory select, a long press is a VC change).
There is a programmable threshold that can be used to set
the timing behaviour.
Volume Control
The Volume Control (VC) can be either external or
programmable. If external VC operation is selected, a
further decision is required as to whether a variable resistor
(analog VC) or a Digital Volume Control (DVC) will be
connected to the 9−bit A/D converter.
Analog Volume Control
The external VC can be configured to work with either a
two−terminal 200 k
W variable resistor or a three−terminal
0.1 M
W − 1MW variable resistor. In two−terminal
configuration, the VC is connected between GND and the
VC input. In three−terminal configuration, it is connected
between GND, Vreg and the VC input.
If using a two−terminal VC, it must be calibrated before
use. Calibration is not necessary with a three−terminal
connection. Hysteresis is built into the VC circuitry to
prevent unintentional volume level toggling. A log taper
potentiometer is recommended so that gain in dB would be
linear with potentiometer rotation. The range of VC is
adjustable and can be set between 1 dB (min) and 42 dB
(max).
Digital Volume Control
If using a Digital Volume Control with the Inspiria
SA3286, a resistor must be connected between the VC input
and Vreg, and another resistor of the same value must be
connected between the VC input and GND. The values of
both resistors can be between 50 k
W and 0.5 MW.
A toggle switch can be used as a DVC, momentarily
connecting the VC to either Vreg or GND. By connecting the
VC to Vreg, the volume will be increased one step, and by
connecting the VC to GND, the volume will be decreased
one step.
The following parameters can be programmed into the
hybrid to specify the DVC functionality:
DVC enable or disable
Volume up/down step size of 1 dB, 2 dB, 3 dB or 4 dB
Volume up/down beep frequency and volume
DVC range between 6 dB and 42 dB in 6 dB steps
Default DVC value when the hybrid is powered up
Volume up/down beep enable
Max/Min beep enable
Max/Min beep frequency & volume
If the Max/Min beep is enabled then when the volume has
been incremented to the maximum value of the specified
DVC range the device will play two beeps to indicate that it
cannot increase the volume any more. The same is true for
decrementing the volume and reaching the minimum value
of the DVC range.


Número de pieza similar - SA3286-E1-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kingbright Corporation
SA32-11SRWA KINGBRIGHT-SA32-11SRWA Datasheet
61Kb / 3P
   8mm (0.32INCH) SINGLE DIGIT NUMERIC DISPLAY
logo
ON Semiconductor
SA3229 ONSEMI-SA3229 Datasheet
128Kb / 16P
   Preconfigured DSP System
May, 2016 ??Rev. 0
SA3229-E1 ONSEMI-SA3229-E1 Datasheet
128Kb / 16P
   Preconfigured DSP System
May, 2016 ??Rev. 0
SA3229-E1-T ONSEMI-SA3229-E1-T Datasheet
128Kb / 16P
   Preconfigured DSP System
May, 2016 ??Rev. 0
logo
List of Unclassifed Man...
SA3244 ETC2-SA3244 Datasheet
96Kb / 2P
   Screw Terminal Inserts - fit all body styles
More results

Descripción similar - SA3286-E1-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
GA3227 ONSEMI-GA3227 Datasheet
165Kb / 13P
   Pre-configured DSP System
January, 2015 ??Rev. 6
GA3284 ONSEMI-GA3284 Datasheet
203Kb / 15P
   Pre-configured DSP System
August, 2015 ??Rev. 6
GA3219 ONSEMI-GA3219 Datasheet
211Kb / 14P
   Pre-configured DSP System
August, 2015 ??Rev. 4
GA3216 ONSEMI-GA3216 Datasheet
212Kb / 16P
   Pre-configured DSP System
August, 2015 ??Rev. 12
GA3285 ONSEMI-GA3285 Datasheet
225Kb / 16P
   Pre-configured DSP System
August, 2015 ??Rev 3
SB3231 ONSEMI-SB3231 Datasheet
142Kb / 18P
   Pre-configured DSP System
November, 2014 ??Rev. 4
R3110 ONSEMI-R3110 Datasheet
161Kb / 14P
   Pre-fit DSP Solution
February, 2015 ??Rev. 1
GB3221 ONSEMI-GB3221 Datasheet
121Kb / 8P
   Preconfigured DSP System
February, 2014 ??Rev. 2
SB3229 ONSEMI-SB3229 Datasheet
135Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 5
SB3230 ONSEMI-SB3230 Datasheet
132Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com