Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SB3229-E1-T Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza SB3229-E1-T
Descripción Electrónicos  Preconfigured DSP System
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SB3229-E1-T Datasheet(HTML) 4 Page - ON Semiconductor

  SB3229-E1-T Datasheet HTML 1Page - ON Semiconductor SB3229-E1-T Datasheet HTML 2Page - ON Semiconductor SB3229-E1-T Datasheet HTML 3Page - ON Semiconductor SB3229-E1-T Datasheet HTML 4Page - ON Semiconductor SB3229-E1-T Datasheet HTML 5Page - ON Semiconductor SB3229-E1-T Datasheet HTML 6Page - ON Semiconductor SB3229-E1-T Datasheet HTML 7Page - ON Semiconductor SB3229-E1-T Datasheet HTML 8Page - ON Semiconductor SB3229-E1-T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
RHYTHM SB3229
www.onsemi.com
4
Table 2. ELECTRICAL CHARACTERISTICS (Supply Voltage VB = 1.25 V; Temperature = 25°C) (continued)
Parameter
Units
Max
Typ
Min
Conditions
Symbol
OUTPUT
D/A Dynamic Range
100 Hz − 8 kHz
88
dB
Output Impedance
ZOUT
10
13
W
CONTROL A/D
Resolution (monotonic)
7
bits
Zero Scale Level
0
V
Full Scale Level
VREG
V
VOLUME CONTROL
Volume Control Resistance
RVC
Three−terminal connection
100
360
k
W
Volume Control Range
42
dB
PC_SDA INPUT
Logic 0 Voltage
0
0.3
V
Logic 1 Voltage
1
1.25
V
PC_SDA OUTPUT
Stand−by Pull Up Current
Creftrim = 6
3
5
6.5
mA
Sync Pull Up Current
Creftrim = 6
748
880
1020
mA
Max Sync Pull Up Current
Creftrim = 15
1380
mA
Min Sync Pull Up Current
Creftrim = 0
550
mA
Logic 0 Current (Pull Down)
Creftrim = 6
374
440
506
mA
Logic 1 Current (Pull Up)
Creftrim = 6
374
440
506
mA
Synchronization Time
(Synchronization Pulse Width)
TSYNC
Baud = 0
237
250
263
ms
Baud = 1
118
125
132
Baud = 2
59
62.5
66
Baud = 3
29.76
31.25
32.81
Baud = 4
14.88
15.63
16.41
Baud = 5
7.44
7.81
8.20
Baud = 6
3.72
3.91
4.10
Baud = 7
1.86
1.95
2.05
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. Times do not include additional programmable startup delay.


Número de pieza similar - SB3229-E1-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sangdest Microelectroni...
SB3220 SMC-SB3220 Datasheet
153Kb / 5P
   SCHOTTKY RECTIFIER
SB3220 SMC-SB3220 Datasheet
153Kb / 5P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
SB3220 SMCDIODE-SB3220 Datasheet
480Kb / 4P
   SB3220 SCHOTTKY RECTIFIER
Rev.A
More results

Descripción similar - SB3229-E1-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
GB3225 ONSEMI-GB3225 Datasheet
113Kb / 7P
   Preconfigured DSP System
February, 2014 ??Rev. 2
R3710 ONSEMI-R3710_16 Datasheet
147Kb / 18P
   Preconfigured DSP System
June, 2016 ??Rev. 6
R3910 ONSEMI-R3910 Datasheet
172Kb / 22P
   Preconfigured DSP System
August, 2015 ??Rev. 9
GB3221 ONSEMI-GB3221 Datasheet
121Kb / 8P
   Preconfigured DSP System
February, 2014 ??Rev. 2
SB3230 ONSEMI-SB3230 Datasheet
132Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 3
R3920 ONSEMI-R3920 Datasheet
219Kb / 13P
   Preconfigured DSP System
August, 2015 ??Rev. 4
GA3224 ONSEMI-GA3224 Datasheet
115Kb / 7P
   Preconfigured DSP System
February, 2014 ??Rev. 2
R3710 ONSEMI-R3710 Datasheet
147Kb / 18P
   Preconfigured DSP System
December, 2015 ??Rev. 5
SA3229 ONSEMI-SA3229 Datasheet
128Kb / 16P
   Preconfigured DSP System
May, 2016 ??Rev. 0
SA3291 ONSEMI-SA3291_16 Datasheet
181Kb / 21P
   Preconfigured Wireless DSP System
April, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com