Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA5724MC Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza LA5724MC
Descripción Electrónicos  Separately-Excited Step-Down Switching Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA5724MC Datasheet(HTML) 4 Page - ON Semiconductor

  LA5724MC Datasheet HTML 1Page - ON Semiconductor LA5724MC Datasheet HTML 2Page - ON Semiconductor LA5724MC Datasheet HTML 3Page - ON Semiconductor LA5724MC Datasheet HTML 4Page - ON Semiconductor LA5724MC Datasheet HTML 5Page - ON Semiconductor LA5724MC Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LA5724MC
No.A2021-4/6
Protection Circuit Functional Descriptions
Overcurrent protection function
The overcurrent protection function detects, on a pulse-by-pulse basis, the output transistor current and turns off that
output transistor current if it exceeds 0.7A in a pulse-by-pulse manner.
Short circuit protection function
This IC prevents the current from increasing when the outputs are shorted by setting the switching frequency to
30kHz if the VOS pin voltage falls below 0.8V.
Note : At startup, since the switching frequency will be 30kHz while the VOS pin voltage is 0.8Vor lower, the
current capacity is reduced. If the load is applied at startup and the applications has trouble starting, increase
the value of the inductor to resolve this problem.
Timing Chart
Limit current
Inductor current
SWOUT voltage
0V
0.8V
1.23V
30kHz
160kHz
VIN voltage
SWOUT voltage
VOS voltage


Número de pieza similar - LA5724MC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA5724MC SANYO-LA5724MC Datasheet
207Kb / 6P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator(Variable Type)
More results

Descripción similar - LA5724MC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LA5735MC ONSEMI-LA5735MC Datasheet
78Kb / 6P
   Separately-Excited Step-Down Switching Regulator
August, 2013
LA5779 ONSEMI-LA5779 Datasheet
62Kb / 4P
   Separately-excited Step-down Switching Regulator
August, 2013
LA5744 ONSEMI-LA5744 Datasheet
75Kb / 5P
   Separately-Excited Step-Down Switching Regulator
August, 2013
LA5774 ONSEMI-LA5774 Datasheet
65Kb / 5P
   Separately-excited Step-down Switching Regulator
August, 2013
LA5779MP ONSEMI-LA5779MP Datasheet
122Kb / 4P
   Separately-excited Step-down Switching Regulator
August, 2013
LA5759 ONSEMI-LA5759 Datasheet
90Kb / 4P
   Separately-excited Step-down Switching Regulator
August, 2013
LA5744MP ONSEMI-LA5744MP Datasheet
72Kb / 5P
   Separately-Excited Step-Down Switching Regulator
August, 2013
LA5756 ONSEMI-LA5756 Datasheet
90Kb / 4P
   Separately-excited Step-down Switching Regulator
August, 2013
LA5757TP ONSEMI-LA5757TP Datasheet
71Kb / 6P
   Separately-excited Step-down Switching Regulator
August, 2013
logo
Sanyo Semicon Device
TN8D51A SANYO-TN8D51A Datasheet
177Kb / 11P
   Separately-Excited Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com