Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LB11961V Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza LB11961V
Descripción Electrónicos  Single-Phase Full-Wave
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11961V Datasheet(HTML) 2 Page - ON Semiconductor

  LB11961V Datasheet HTML 1Page - ON Semiconductor LB11961V Datasheet HTML 2Page - ON Semiconductor LB11961V Datasheet HTML 3Page - ON Semiconductor LB11961V Datasheet HTML 4Page - ON Semiconductor LB11961V Datasheet HTML 5Page - ON Semiconductor LB11961V Datasheet HTML 6Page - ON Semiconductor LB11961V Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LB11961V
No.8794-2/7
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC maximum output voltage
VCC max
18
V
OUT pin maximum output
current
IOUT max
1.0
A
OUT pin output withstand
voltage
VOUT max
18
V
HB maximum output current
IHB max
10
mA
VTH input pin voltage
VTH max
6
V
RD/FG output pin output voltage
VRD/FG max
18
V
RD/FG maximum output current
IRD/FG max
10
mA
Allowable power dissipation
Pd max
When mounted on a circuit board *1
0.8
W
Operating temperature
Topr
-30 to +90
°C
Storage temperature
Tstg
-55 to +150
°C
*1 Specified circuit board : 114.3
× 76.1 × 1.6mm3, glass epoxy.
Caution 1) Absolute maximum ratings represent the value which cannot be exceeded for any length of time.
Caution 2) Even when the device is used within the range of absolute maximum ratings, as a result of continuous usage under high temperature, high current,
high voltage, or drastic temperature change, the reliability of the IC may be degraded. Please contact us for the further details.
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC supply voltage
VCC
4.5 to 16
V
VTH input level voltage range
VTH
0 to 9
V
Hall sensor input common-mode
input voltage range
VICM
0.2 to 3
V
Electrical Characteristics Unless otherwise specified Ta
= 25°C, VCC = 12V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
ICC1
Drive mode
12
18
24
mA
Circuit current
ICC2
Lock protection mode
8
11
16
mA
6VREG voltage
V6VREG
I6VREG = 5mA
5.8
6
6.2
V
HB voltage
VHB
IHB = 5mA
1.10
1.25
1.40
V
CPWM high-level voltage
VCRH
3.45
3.6
3.75
V
CPWM low-level voltage
VCRL
1.95
2.05
2.15
V
CPWM oscillator frequency
FPWM
C = 100pF
18
25
32
kHz
CT pin high-level voltage
VCTH
3.45
3.6
3.75
V
CT pin low-level voltage
VCTL
1.55
1.7
1.85
V
ICT charge current
ICT1
1.5
2
2.5
μA
ICT discharge current
ICT2
0.15
0.2
0.25
μA
ICT charge/discharge current
ratio
RCT
8.5
10
11.5
OUT output low saturation
voltage
VOL
IO = 200mA
0.2
0.3
V
OUT output high saturation
voltage
VOH
IO = 200mA
0.9
1.1
V
Hall sensor input sensitivity
VHN
Zero peak value (including offset and
hysteresis)
10
20
mV
RD/FG output pin low-level
voltage
VRDL/FGL
VRD/FG = 5mA
0.2
0.3
V
RD/FG output pin leakage
current
IRDL/FGL
VRD/FG = 7V
30
μA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Número de pieza similar - LB11961V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB11961V SANYO-LB11961V Datasheet
110Kb / 7P
   Single-Phase Full-Wave Fan Motor Driver
More results

Descripción similar - LB11961V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LV8063FA-BH ONSEMI-LV8063FA-BH Datasheet
208Kb / 8P
   Single-Phase Full-Wave Driver
May, 2013
logo
Rohm
BD6961F ROHM-BD6961F_14 Datasheet
605Kb / 17P
   Standard Single-phase Full wave
BD6981FVM ROHM-BD6981FVM Datasheet
773Kb / 18P
   Standard Single-phase Full wave
BD6995FV ROHM-BD6995FV Datasheet
2Mb / 29P
   Multifunction Single-phase Full-wave
BD69730FV ROHM-BD69730FV Datasheet
1Mb / 32P
   Multifunction Single-phase Full-wave
BH6766FVM ROHM-BH6766FVM_12 Datasheet
472Kb / 13P
   5V Single-phase Full wave
logo
ON Semiconductor
LB11970RV ONSEMI-LB11970RV Datasheet
228Kb / 7P
   Single-phase Full-wave Driver
May, 2013
logo
Motorola, Inc
MDA3500 MOTOROLA-MDA3500 Datasheet
489Kb / 4P
   SINGLE-PHASE FULL-WAVE BRIDGE
logo
Rohm
BD6971FV ROHM-BD6971FV_12 Datasheet
620Kb / 16P
   Multifunction Single-phase Full-wave
BH6789FVM ROHM-BH6789FVM_12 Datasheet
480Kb / 14P
   5V Single-phase Full wave
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com