Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STJ828K Datasheet(PDF) 1 Page - AUK corp

No. de pieza STJ828K
Descripción Electrónicos  P-Channel Enhancement-Mode MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AUK [AUK corp]
Página de inicio  https:www.auk.co.kr
Logo AUK - AUK corp

STJ828K Datasheet(HTML) 1 Page - AUK corp

  STJ828K Datasheet HTML 1Page - AUK corp STJ828K Datasheet HTML 2Page - AUK corp STJ828K Datasheet HTML 3Page - AUK corp STJ828K Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KST-4015-000
1
STJ828K
P-Channel Enhancement-Mode MOSFET
S
Seem
miiccoon
nd
du
uccttoorr
Description
• High speed switching application.
• Analog switch application.
Features
• -2.5V Gate drive.
• Low threshold voltage : Vth = -0.5~ -1.5V.
• High speed.
Ordering Information
Type NO.
Marking
Package Code
STJ828K
J9
SOT-623F
Outline Dimensions
unit : mm
PIN Connections
1. Gate
2. Source
3. Drain


Número de pieza similar - STJ828K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AUK corp
STJ828EF AUK-STJ828EF Datasheet
307Kb / 4P
   P-Channel Enhancement-Mode MOSFET
STJ828M AUK-STJ828M Datasheet
277Kb / 4P
   P-Channel Enhancement-Mode MOSFET
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
STJ828UF AUK-STJ828UF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
More results

Descripción similar - STJ828K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com