Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME2-24SJZ Datasheet(PDF) 2 Page - AIMTEC

No. de pieza AME2-24SJZ
Descripción Electrónicos  Over current, Short Circuit Protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AME2-24SJZ Datasheet(HTML) 2 Page - AIMTEC

  AME2-24SJZ Datasheet HTML 1Page - AIMTEC AME2-24SJZ Datasheet HTML 2Page - AIMTEC AME2-24SJZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series AME2-JZ
2 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8
2 of 3
North America only
Safety Specifications
Parameters
Approvals
cULus, CE pending
Standards
Information technology Equipment
Meets IEC/EN/UL 60950-1:2006+A11:2009
EMI - Conducted and radiated emission
EN55022, class B, with application circuit
Electrostatic Discharge Immunity
IEC 61000-4-2, Contact:±4KV/Air:±8KV, Criteria B
RF, Electromagnetic Field Immunity
IEC 61000-4-3, 10V/m, Criteria A
Electrical Fast Transient/Burst Immunity
IEC 61000-4-4, ±2KV, Criteria B, with EMC recommended circuit
Surge Immunity(1KV)
IEC 61000-4-5, ±1KV/±2KV, Criteria B, with EMC recommended circuit
RF, Conducted Disturbance Immunity
IEC 61000-4-6, 10Vrms, Criteria A
Power frequency Magnetic Field Immunity
IEC 61000-4-8, 10A/m, Criteria A
Voltage dips, Short Interruptions Immunity
IEC 61000-4-11, 0-70%, Criteria B
Pin Out Specifications
Dimensions
Derating
Pin
Single
1
AC Input (N)
2
AC Input (L)
3
-V Output
4
+V Output
15.24
(0.60)
28.00
(1.10)
18.00
(0.71)
6.00
(0.24)
Dimensions mm (inch)
Case Tolerance ±0.50 (±0.02)
Pin Diameter ±0.10 (±0.004)
Pin Pitch Tolerance ±0.50 (±0.02)
0.60
(0.02)
ew
easuring
point
4
2
16.85
(0.66)
1
Top Vi
Temperature m
3
11.00
(0.43)
DIV: 5.00(0.20)
Ø 10.0 ( Ø 0.40)
Ø 0.60 ( Ø 0.02)
1
3
Top View
4
2
7.60
22.00
(0.87)
(0.29)
Side View
33.70
(1.33)
-20
0
20
40
60
80
100
100
80
60
40
20
0
Safe Operating Area
- 25
Free Air Convection
Ambient Temperature º C
70
55
50


Número de pieza similar - AME2-24SJZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AME2-24SAZ AIMTEC-AME2-24SAZ Datasheet
448Kb / 3P
   AC-DC Converter
AME2-24SAZ AIMTEC-AME2-24SAZ Datasheet
178Kb / 3P
   Optional 90-528VAC, 47-440Hz, or 130-745 VDC
AME2-24SAZ AIMTEC-AME2-24SAZ Datasheet
178Kb / 3P
   2Watt | AC-DC Converter
AME2-24SBAZ AIMTEC-AME2-24SBAZ Datasheet
448Kb / 3P
   AC-DC Converter
AME2-24SBAZ AIMTEC-AME2-24SBAZ Datasheet
178Kb / 3P
   2Watt | AC-DC Converter
More results

Descripción similar - AME2-24SJZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AME1-JZ AIMTEC-AME1-JZ Datasheet
147Kb / 3P
   Over current, Short Circuit Protection
logo
CUI INC
VOF-6B CUI-VOF-6B Datasheet
479Kb / 5P
   short circuit, over voltage protection, over current protection
logo
MORNSUN Science& Techno...
MA00505WA MORNSUN-MA00505WA Datasheet
261Kb / 3P
   Over voltage, Over current, Short circuit protection
MG01205HA MORNSUN-MG01205HA Datasheet
324Kb / 4P
   Over voltage, Over current, Short circuit protection
MA00505VA MORNSUN-MA00505VA Datasheet
330Kb / 4P
   Over voltage, Over current, Short circuit protection
logo
Vincotech
20-PB06IPB010RC-P955A40Y VINCOTECH-20-PB06IPB010RC-P955A40Y Datasheet
2Mb / 30P
   Over current and short circuit protection
logo
Sparkle Power Inc.
FSP200-63DL12V SPI-FSP200-63DL12V Datasheet
48Kb / 1P
   Output over voltage, short circuit, and over current protection
logo
AIMTEC
AME1-AZ AIMTEC-AME1-AZ Datasheet
178Kb / 3P
   Over load, Short Circuit Protection
AME3-AZ AIMTEC-AME3-AZ Datasheet
207Kb / 3P
   Over load, Short Circuit Protection
logo
CUI INC
SWI12-SC CUI-SWI12-SC Datasheet
419Kb / 4P
   short circuit, over current, and over voltage protections
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com