Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA5757TP Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza LA5757TP
Descripción Electrónicos  Separately-excited Step-down Switching Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA5757TP Datasheet(HTML) 5 Page - ON Semiconductor

  LA5757TP Datasheet HTML 1Page - ON Semiconductor LA5757TP Datasheet HTML 2Page - ON Semiconductor LA5757TP Datasheet HTML 3Page - ON Semiconductor LA5757TP Datasheet HTML 4Page - ON Semiconductor LA5757TP Datasheet HTML 5Page - ON Semiconductor LA5757TP Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LA5757TP
No.A1439-5/6
Timing Chart
VIN
SWOUT
VOUT
Td
Tss
0
0
2.0
0.4
0.8
1.2
1.6
0
8
1
2
3
4
5
6
7
90
60
65
70
75
80
85
VIN = 12V
VO = 5V
CIN = 1000μF
COUT = 470μF
L = 68
μH
IO = 0.5A
1.5A
1.0A
Efficiency -- VIN
VOsat -- ISW
ISTB -- VIN
010
20
30
40
0
1.6
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.0
0.25
0.5
0.75
1.25
1.5
0
250
50
100
150
200
010
20
30
40
Load current, IL -- A
Overcurrent protection characteristic
Input voltage, VIN -- V
Switch current, ISW -- A
Input voltage, VIN -- V


Número de pieza similar - LA5757TP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA5757TP SANYO-LA5757TP Datasheet
78Kb / 6P
   Switching Regulator
More results

Descripción similar - LA5757TP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LA5724MC ONSEMI-LA5724MC Datasheet
158Kb / 6P
   Separately-Excited Step-Down Switching Regulator
August, 2013
LA5735MC ONSEMI-LA5735MC Datasheet
78Kb / 6P
   Separately-Excited Step-Down Switching Regulator
August, 2013
LA5779 ONSEMI-LA5779 Datasheet
62Kb / 4P
   Separately-excited Step-down Switching Regulator
August, 2013
LA5744 ONSEMI-LA5744 Datasheet
75Kb / 5P
   Separately-Excited Step-Down Switching Regulator
August, 2013
LA5774 ONSEMI-LA5774 Datasheet
65Kb / 5P
   Separately-excited Step-down Switching Regulator
August, 2013
LA5779MP ONSEMI-LA5779MP Datasheet
122Kb / 4P
   Separately-excited Step-down Switching Regulator
August, 2013
LA5759 ONSEMI-LA5759 Datasheet
90Kb / 4P
   Separately-excited Step-down Switching Regulator
August, 2013
LA5744MP ONSEMI-LA5744MP Datasheet
72Kb / 5P
   Separately-Excited Step-Down Switching Regulator
August, 2013
LA5756 ONSEMI-LA5756 Datasheet
90Kb / 4P
   Separately-excited Step-down Switching Regulator
August, 2013
logo
Sanyo Semicon Device
TN8D51A SANYO-TN8D51A Datasheet
177Kb / 11P
   Separately-Excited Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com